Electronic Components Datasheet Search
  English  ▼

X  

SFT6678Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT6678Z
Description  15 AMPS 400 Volts NPN High Speed Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6678Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT6678Z Datasheet HTML 1Page - Solid States Devices, Inc SFT6678Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0019C
DOC
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFT6678 M __ TX
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
¦
+ Screening
2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S = S Level
¦
¦
¦
+ Lead Bend
3/ 4/ _ = Straight Leads
UB = Up Bend
DB = Down Bend
+ Package
3/
M = TO-254
Z = TO-254Z
/3 = TO-3
SFT6678 SERIES
15 AMPS
400 Volts
NPN High Speed
Power Transistor
Application Notes:
• Replaces Industry Standard 2N6678
• Designed for High Voltage, High Speed,
Power Switching Applications Such as:
• Off-Line Supplies
• Converter Circuits
• Pulse Width Modulated Regulators
• Motor Controls
• Deflection Circuits
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
400
Volts
Collector – Base Voltage
VCBO
650
Volts
Emitter – Base Voltage
VEBO
8.0
Volts
Continuous Collector Current
IC
15
Amps
Continuous Base Current
IB
5.0
Amps
Operating and Storage Temperature
TJ, TSTG
-65 to +200
°C
Total Power Dissipation @ TC=25°C
Derate above 25°C
PD
175
1.0
W
W/°C
Maximum Thermal Resistance
(Junction to Case)
R0JC
1.0
ºC/W
TO-3 (/3)
TO-254 (M)
TO-254 (Z)
Available Part Numbers:
SFT6678/3 SFT6678M
SFT6678Z
SFT6678MDB
SFT6678ZDB
SFT6678MUB
SFT6678ZUB
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
TO-3 (/3)
Case
Pin 2
Pin 3
TO-254 (M)
Pin 1
Pin 2
Pin 3
TO-254 (Z)
Pin 1
Pin 2
Pin 3


Similar Part No. - SFT6678Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT6678Z SSDI-SFT6678Z Datasheet
205Kb / 3P
NPN High Speed Power Transistor
SFT6678ZDB SSDI-SFT6678ZDB Datasheet
205Kb / 3P
NPN High Speed Power Transistor
SFT6678ZUB SSDI-SFT6678ZUB Datasheet
205Kb / 3P
NPN High Speed Power Transistor
More results

Similar Description - SFT6678Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5659 ETC-2N5659 Datasheet
272Kb / 6P
HIGH SPEED NPN TRANSISTOR 120 VOLTS
logo
ON Semiconductor
NTD15N06 ONSEMI-NTD15N06 Datasheet
93Kb / 10P
Power MOSFET 15 Amps, 60 Volts
September, 2003 ??Rev. 1
logo
Solid States Devices, I...
SDR8200S4 SSDI-SDR8200S4 Datasheet
199Kb / 2P
200 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDR8300S4 SSDI-SDR8300S4 Datasheet
200Kb / 2P
300 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SDR8400S4 SSDI-SDR8400S4 Datasheet
199Kb / 2P
400 AMPS 400 - 1200 VOLTS 15 usec STANDARD RECOVERY HIGH CURRENT RECTIFIER
SFT5002 SSDI-SFT5002 Datasheet
97Kb / 2P
10 AMP 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
SPT420 SSDI-SPT420 Datasheet
233Kb / 2P
NPN HIGH VOLTAGE HIGH SPEED POWER TRANSISTOR 40 AMPS, 1000V
SPT5006 SSDI-SPT5006 Datasheet
82Kb / 2P
10 AMPS 100 Volts High Power - High Speed NPN Transistors
logo
Micro Commercial Compon...
MJE13007F MCC-MJE13007F Datasheet
692Kb / 2P
NPN Power Transistor 8.0 A 400 Volts
MJE13007F MCC-MJE13007F_13 Datasheet
710Kb / 2P
NPN Power Transistor 8.0 A 400 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com