Electronic Components Datasheet Search
  English  ▼

X  

SFT2907A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT2907A
Description  SFT2907A 60 VOLTS PNP HIGH SPEED LOW POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT2907A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT2907A Datasheet HTML 1Page - Solid States Devices, Inc SFT2907A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
SFT2907A
SERIES
NOTES:
1/
For Ordering Information, Price, and Availability Contact Factory.
2/
Screening per MIL-PRF-19500.
3/
For Package Outlines Contact Factory.
4/
TC = 25
oC, Unless Otherwise Specified.
*
Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
VDC
60
-
BVCEO
Collector-Emitter Breakdown Voltage
(IC = 10mA)
nADC
-50
ICEX
Collector Cutoff Current
(VCE = 30VDC , VBE = 0.5VDC )
nADC
-10
ICBO
MIN
MAX
ELECTRICAL CHARACTERISTICS 4/
SYMBOL
UNITS
DC Current Gain*
(VCE = 10VDC)
75
100
100
100
50
0.4
1.6
Collector-Emitter Saturation
Voltage *
VCE(SAT)
VDC
HFE
Base-Emitter Saturation
Voltage *
1.3
2.6
VDC
VBE(SAT)
-
AC Current Gain
(IC = 50mADC , VCE = 20VDC, f = 100MHz)
2.0
hFE
VCC = -30VDC , ICS = 150mADC,
IB1 = 15mADC,
Rise Time
tr
40
nsec
IC = 0.1mADC
IC = 1mADC
IC = 10mADC
IC = 150mADC
IC = 500mADC
-
-
-
-
-
-
300
-
-
Collector Cutoff Current
(VCB = 50VDC)
Delay Time
td
10
nsec
-
VDC
60
-
BVCBO
Collector-Base Sustaining Voltage
(IC = 10
:A)
VDC
5-
BVEBO
Emitter-Base Sustaining Voltage
(IE = 10
:A)
IC = 150mADC, IB = 15mADC
IC = 500mADC, IB = 50mADC
IC = 150mADC, IB = 15mADC
IC = 500mADC, IB = 50mADC
Input Capacitance
(VBE = 0.5VDC , IE = 0, f = 100kHz)
-30
Cib
pF
Package Outline
Part Number
Document
SFT2907A-4
60-0149-323
SFT2907A/18
60-0149-018
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Output Capacitance
(VCB = 10VDC , IE = 0, f = 100kHz)
-8
Cob
pF
VCC = -6VDC, ICS = 150mADC,
IB1 = 15mADC, IB2 = 15mADC
Fall Time
tf
30
nsec
-
Storage Time
ts
80
nsec
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com