Electronic Components Datasheet Search
  English  ▼

X  

SFT6338 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT6338
Description  25 AMP 100 - 150 VOLTS NPN HIGH SPEED POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6338 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT6338 Datasheet HTML 1Page - Solid States Devices, Inc SFT6338 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
m
m
m
m
m
A
mA
-
-
10
1.0
ICEX
Collector Cutoff Current
(VCE Rated VCEO, VBE = 1.5VDC)
m
m
m
m
m
A
-
100
Emitter Cutoff Current
(VEB = 6VDC, IC = 0)
VDC
100
120
140
150
-
VCEO(sus)
Collector-Emitter Sustaining Voltage *
(IC = 50mA, IB = 0)
50
30
12
-
120
-
hFE
DC Current Gain *
(VCE = 2.0VDC)
VDC
-
-
1.8
2.5
VBE (SAT)
Base-Emitter Saturation Voltage*
MIN
MAX
ELECTRICAL CHARACTERISTICS 5/
SYMBOL
UNITS
VDC
Collector-Emitter Saturation Voltage*
-
VCE (SAT)
1.0
1.8
300
pf
Output Capacitance
(IE = 0, VCB = 10VDC , f = 0.1MHz)
-
Cob
(VCC = 80VDC , IC = 10ADC, VB = 6VDC
IB1 = IB2 = 1ADC, RL = 8W ,
tP = 10msec, Duty Cycle
# 1%)
Rise Time
tr
0.3
m
m
m
m
m
sec
IEBO
-
NOTES:
* Pulse Test: Pulse Width = 300us, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ Up and Down Bend Configurations Available for M and Z (TO-254
and TO-254Z) Packages Only.
5/ All Electrical Characteristics @25oC, Unless Otherwise Specified.
SFT6338 - SFT6341
SERIES
-
Current Gain
(IC = 1A, VCE = 10VDC, f = 10MHz)
4
|hfe|
Fall Time
Storage Time
ts
1.0
m
m
m
m
m
sec
tf
0.25
m
m
m
m
m
sec
-
-
(IC = 10ADC, IB = 1ADC)
(IC = 25ADC, IB = 2.5ADC)
(TC = 25
oC)
(TC = 150
oC)
m
m
m
m
m
A
-10
Collector Cutoff Current
(VCB Rated VCBO, IE = 0)
ICBO
(IC = 0.5ADC)
(IC = 10ADC)
(IC = 25ADC)
(IC = 10ADC, IB = 1ADC)
(IC = 25ADC, IB = 2.5ADC)
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
PIN ASSIGNMENT
Emmiter
Base
Pin 3
Pin 3
Collector
PACKAGE
Pin 2
Pin 2
Case (1)
Pin 1
TO-3
TO-254
Available Part Numbers:
SFT6338/3
SFT6338M
SFT6338Z
SFT6339/3
SFT6339M
SFT6339Z
SFT6340/3
SFT6340M
SFT6340Z
SFT6341/3
SFT6341M
SFT6341Z
Pin 3
Pin 2
Pin 1
TO-254Z
SFT6338
SFT6339
SFT6340
SFT6341



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com