Electronic Components Datasheet Search
  English  ▼

X  

2N5015 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # 2N5015
Description  0.5 AMP 800 - 1000 Volts NPN Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

2N5015 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  2N5015 Datasheet HTML 1Page - Solid States Devices, Inc 2N5015 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
FEATURES:
• BVCER and BVCEO to 1000 volts
• Low Saturation Voltage
• Low Leakage at High Temperature
• High Gain, Low Saturation
• 200° C Operating, Gold Eutectic Die Attach
• 2N5010 thru 2N5012 Also Available, Contact Factory
• TX, TXV, and S-Level Screening Available
2N5013 thru 2N5015
0.5 AMP
800 – 1000 Volts
NPN Transistor
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage (RBE = 1K
Ω)
2N5013
2N5014
2N5015
VCER
800
900
1000
V
Collector – Base Voltage
2N5013
2N5014
2N5015
VCBO
800
900
1000
V
Emitter – Base Voltage
VEBO
5
V
Peak Collector Current
IC
0.5
A
Peak Base Current
IB
50
mA
Total Device Dissipation @ TC = 100º C
Derate above 100º C
PD
2.0
20
W
mW/ºC
Operating and Storage Temperature
Tj, Tstg
-65 to +200
ºC
Thermal Resistance, Junction to Case
RθJC
50
ºC/W
CASE OUTLINE: TO-5
PIN 1: EMITTER
PIN 2: BASE
PIN 3: COLLECTOR
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0043A
DOC


Similar Part No. - 2N5015

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5015 ETC-2N5015 Datasheet
284Kb / 6P
0.5AMP HIGH VOLTAGE NPN TRANSISTOR 450 VOLTS
logo
Seme LAB
2N5015 SEME-LAB-2N5015 Datasheet
11Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
logo
Microsemi Corporation
2N5015 MICROSEMI-2N5015 Datasheet
51Kb / 3P
NPN SILICON TRANSISTOR
2N5015 MICROSEMI-2N5015 Datasheet
60Kb / 4P
NPN SILICON TRANSISTOR
logo
Solid States Devices, I...
2N5015 SSDI-2N5015 Datasheet
128Kb / 2P
0.5 AMP, 1000 Volts NPN Transistor
More results

Similar Description - 2N5015

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT8600-4 SSDI-SFT8600-4 Datasheet
56Kb / 2P
1 AMP 1000 VOLTS NPN TRANSISTOR
SFT8500 SSDI-SFT8500 Datasheet
212Kb / 2P
2 AMP HIGH VOLTAGE NPN TRANSISTOR 1000 VOLTS
SFT5013-4 SSDI-SFT5013-4 Datasheet
30Kb / 2P
0.5 AMP 800 - 1000 VOLTS NPN TRANSISTOR
SFT8600 SSDI-SFT8600 Datasheet
159Kb / 2P
1 AMP 1000 VOLTS NPN TRANSISTOR
2N5015 SSDI-2N5015_1 Datasheet
128Kb / 2P
0.5 AMP, 1000 Volts NPN Transistor
logo
Micro Commercial Compon...
GL34A MCC-GL34A_08 Datasheet
218Kb / 4P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
Solid States Devices, I...
XN0031J SSDI-XN0031J Datasheet
163Kb / 3P
0.5 AMP, 800 ??900 Volts NPN Transistor
XN0033J SSDI-XN0033J Datasheet
128Kb / 3P
1 AMP 1000 Volts NPN Transistor
logo
Micro Commercial Compon...
GL34D-TP MCC-GL34D-TP Datasheet
98Kb / 3P
0.5 Amp Standard Recovery Rectifier 50 to 1000 Volts
logo
International Rectifier
OM5010ST IRF-OM5010ST_15 Datasheet
23Kb / 2P
12 Amp, 800 & 1000 Volts, 50 nsec trr
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com