Electronic Components Datasheet Search
  English  ▼

X  

PJ-051A Datasheet(PDF) 2 Page - CUI Devices

Part # PJ-051A
Description  DC POWER JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

PJ-051A Datasheet(HTML) 2 Page - CUI Devices

  PJ-051A Datasheet HTML 1Page - CUI Devices PJ-051A Datasheet HTML 2Page - CUI Devices PJ-051A Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date 10/29/2019
│ page 2 of 3
CUI Devices
│ MODEL: PJ-051A │ DESCRIPTION: DC POWER JACK
cuidevices.com
3
2
1
10.30.406
3.00.118
(2 PLCS)
4.00 0.157
6.20.244
3.70.146
0.10.004
5.20.205
3.40.134
3.00.118
(2 PLCS)
10.30.406
(3 PLCS)
6.30 0.248
5.2 0.205
0.1 0.004
3.4 0.134
2.50.098
(TYP)
4.00 0.157
3.70.146
6.20.244
3
PCB LAYOUT
TOP VIEW
1
1.80X1.80
0.80X2.00
(3 PLCS)
2
0.80X2.30
(2 PLCS)
(2 PLCS)
0.071
1.80
11.5 0.453
1.50 0.059
(3 PLCS)
3
21
0.236
0.287
6.00
2.000.079
3.50
0.398
7.30
0.138
10.1
1.000.039
1.60X1.60
MECHANICAL DRAWING
MATERIAL
PLATING
center pin
copper
nickel
terminal 1
brass
tin
terminal 2
copper alloy
tin
terminal 3
brass
tin
shield
brass
nickel
plastic
PBT
units: mm[inches]
tolerance:
X.X ±0.2mm
X.XX ±0.1mm
X.XXX ±0.05mm
Note:
1. All specifications measured at 10~35°C, humidity at 45~85%, under standard atmospheric pressure, unless otherwise noted.
SCHEMATIC
Model
PJ-051A
Center Pin
Ø2.0 mm
MATING PLUG
Jack Insertion Depth: 8.2 mm
Additional Resources: Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com