Electronic Components Datasheet Search
  English  ▼

X  

MP1010 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # MP1010
Description  10A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

MP1010 Datasheet(HTML) 1 Page - Won-Top Electronics

  MP1010 Datasheet HTML 1Page - Won-Top Electronics MP1010 Datasheet HTML 2Page - Won-Top Electronics MP1010 Datasheet HTML 3Page - Won-Top Electronics MP1010 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MP1000 – MP1010
1 of 4
© 2006 Won-Top Electronics
Pb
MP1000 – MP1010
10A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
!
High Current Capability
H
!
High Case Dielectric Strength
G
!
High Surge Current Capability
+
~
!
Ideal for Printed Circuit Board Application
A
!
Plastic Material has UL Flammability 94V-0
E
~
-
!
Recognized File # E157705
E
Mechanical Data
!
Case: MP-10, Molded Plastic with Heatsink
!
Terminals: Plated Leads Solderable per
D
C
MIL-STD-202, Method 208
!
Polarity: Marked on Body
B
!
Weight: 3.8 grams (approx.)
!
Mounting Position: Through Hole for #6 Screw
Metal Heatsink
!
Mounting Torque: 10 cm-kg (8.8 in-lbs) Max.
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MP
1000
MP
1001
MP
1002
MP
1004
MP
1006
MP
1008
MP
1010
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TA = 50°C
IO
10
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
200
A
Forward Voltage per leg
@IF = 5.0A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IR
5.0
500
µA
I2t Rating for Fusing (t<8.3ms) (Note 2)
I2t
64
A2s
Typical Junction Capacitance (Note 3)
Cj
110
pF
Typical Thermal Resistance per leg (Note 1)
RJC
7.5
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Mounted on metal chassis.
2. Non-repetitive, for t > 1ms and < 8.3ms.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
MP-10
Dim
Min
Max
A
14.73
15.75
B
5.80
6.90
C
19.00
—
D
1.00 Ø Typical
E
5.11
6.14
Hole for #6 screw
G
3.60
4.00
H
10.30
11.30
All Dimensions in mm


Similar Part No. - MP1010

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MP1010 WTE-MP1010 Datasheet
35Kb / 3P
10A BRIDGE RECTIFIER
logo
Comchip Technology
MP1010 COMCHIP-MP1010 Datasheet
35Kb / 2P
Silicon Bridge Rectifiers
logo
Dc Components
MP1010 DCCOM-MP1010 Datasheet
285Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
GOOD-ARK Electronics
MP1010 GOOD-ARK-MP1010 Datasheet
93Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
RFE international
MP1010 RFE-MP1010 Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
More results

Similar Description - MP1010

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC10 WTE-KBPC10_06 Datasheet
54Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10P WTE-KBPC10P Datasheet
55Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBPC10S WTE-KBPC10S Datasheet
66Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBU1000 WTE-KBU1000_06 Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
KBU1000G WTE-KBU1000G_06 Datasheet
52Kb / 4P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PB1000 WTE-PB1000_06 Datasheet
60Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
PB1000S WTE-PB1000S Datasheet
50Kb / 4P
10A SINGLE-PHASE BRIDGE RECTIFIER
logo
TAITRON Components Inco...
TB1005 TAITRON-TB1005 Datasheet
177Kb / 4P
10A Single-Phase Bridge Rectifier
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 10A
logo
Zibo Seno Electronic En...
GBPC1000 ZSELEC-GBPC1000 Datasheet
89Kb / 2P
10A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com