Electronic Components Datasheet Search
  English  ▼

X  

SFT5096/5 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT5096/5
Description  1 AMP, 500 Volts High Voltage PNP Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT5096/5 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT5096/5 Datasheet HTML 1Page - Solid States Devices, Inc SFT5096/5 Datasheet HTML 2Page - Solid States Devices, Inc SFT5096/5 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT5094
SFT5096 __ __
│
│
│
│
└ Screening 2/
__ = No Screening
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
└ Package 3/
-4 = 4 Pin CLCC
/5 = TO-5
G = CERPACK
SFT5094-4, SFT5094/5, SFT5094G
And
SFT5096-4, SFT5096/5, SFT5096G
1 AMP, 500 Volts
High Voltage PNP Transistor
Features:
•
BVCER to 500 Volts
•
Low Leakage at High Temperature
•
High Linear Gain, Low Saturation Voltage
•
200
oC Operating Temperature
•
Gold Eutectic Die Attach
•
TX, TXV, S-Level Screening Available
•
Designed for Complementary Use with SFT5015
•
Replacement for 2N5094 and 2N5096 with Lower
Thermal Resistance
•
Available with TO-5, Cerpack and CLCC Cases
Maximum Ratings
4/
Symbol
SFT5094
SFT5096
Units
Collector – Emitter Voltage
(RBE = 1kΩ)
VCEO
VCER
400
450
450
500
Volts
Volts
Collector – Base Voltage
VCBO
450
500
Volts
Emitter – Base Voltage
VEBO
6
Volts
Collector Current
IC
1.0
Amps
Base Current
IB
0.5
Amps
Total Power Dissipation
Derate above TC = 25ºC
(TC = 25ºC)
(TA = 25ºC)
PD
1.0
0.4
5.7
Watts
Watts
mW /ºC
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
4 Pin CLCC
TO-5
CERPACK
R0JC
175
30
9
ºC/W
ºC/W
ºC/W
Maximum Thermal Resistance
(Junction to Ambient)
4 Pin CLCC
TO-5
CERPACK
R0JA
440
---
440
ºC/W
ºC/W
ºC/W
4 Pin CLCC (-4)
TO-5 (/5)
CERPACK (G)
NOTES: 1/ For Ordering Information, Price, Operating Curves, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ For Package Outlines, See Figure 1.
4/ Unless Otherwise Specified, Maximum Ratings/Electrical Characteristics at 25°C.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0081B
DOC


Similar Part No. - SFT5096/5

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT5096 SSDI-SFT5096 Datasheet
155Kb / 3P
High Voltage PNP Transistor
More results

Similar Description - SFT5096/5

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
STX6905 SSDI-STX6905 Datasheet
56Kb / 2P
1 AMP 600 VOLTS PNP TRANSISTOR
SFT1192-59 SSDI-SFT1192-59 Datasheet
44Kb / 2P
2 AMP 500 VOLTS PNP TRANSISTOR
SFT6800-59 SSDI-SFT6800-59 Datasheet
105Kb / 2P
2 AMP 500 VOLTS NPN TRANSISTOR
2N5095 SSDI-2N5095 Datasheet
218Kb / 2P
1 AMP HIGH VOLTAGE NPN TRANSISTOR 500-600 VOLTS
SFT6900 SSDI-SFT6900 Datasheet
220Kb / 2P
3 AMP HIGH VOLTAGE PNP TRANSISTOR 500 VOLTS
TR0081F SSDI-TR0081F Datasheet
159Kb / 3P
1 AMP, 500 Volts High Voltage PNP Transistor
TR0124A SSDI-TR0124A Datasheet
153Kb / 3P
1 AMP, 500 Volts High Voltage PNP Transistor
TR0118A SSDI-TR0118A Datasheet
154Kb / 3P
1 AMP High Voltage NPN Transistor 500-600 Volts
TR0124A SSDI-TR0124A Datasheet
153Kb / 3P
1 AMP, 500 Volts High Voltage PNP Transistor
TR0127A SSDI-TR0127A Datasheet
126Kb / 2P
1 AMP, 500 Volts High Voltage PNP Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com