Electronic Components Datasheet Search
  English  ▼

X  

SFT6032 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT6032
Description  50 AMPS 90 - 120 Volts High Power NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6032 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT6032 Datasheet HTML 1Page - Solid States Devices, Inc SFT6032 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0092A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SFT6032 __ __ __
¦
¦
¦
¦
¦
¦
+ Screening
2/ __ = No Screening
TX = TX Level
TXV = TXV Level
S = S Level
¦
¦
+ Lead Bend
3/ 4/ __ = Straight Leads
+ Package
3/
/3 = TO-3 0.060” pin
SFT6032, SFT6033
50 AMPS
90 - 120 Volts
High Power
NPN Transistors
Features:
•
High Frequency transistor with BVCEO to 120 Volts
•
Enhanced SOA capability and Fast Switching
• High Power Dissipation 140 Watts
• 200oC Operating Temperature
• TX, TXV, S-Level Screening Available.
Consult Factory
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
SFT6032
SFT6033
VCEO
90
120
Volts
Collector – Base Voltage
SFT6032
SFT6033
VCBO
120
150
Volts
Emitter – Base Voltage
VEBO
7
Volts
Collector Current
IC
50
Amps
Base Current
IB
10
Amps
Total Power Dissipation
TC = 25ºC
PD
140
Watts
Operating & Storage Temperature
TJ & TSTG
-65 to +200
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
1.25
(typ. 0.75)
ºC/W
TO-3 (/3)
1.197
1.177
Ø.875
MAX
2x
.063
.058
.675
.655
.525 MAX
.135 MAX
.440
.420
2x
.225
.205
.450
.250
2x .312 MIN
2x Ø
.165
.151
2x R.188 MAX
SEATING PLANE
2
1


Similar Part No. - SFT6032

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SFT6036 SSDI-SFT6036 Datasheet
181Kb / 4P
PNP Darlington Power Transistor
SFT6036 SSDI-SFT6036 Datasheet
181Kb / 4P
4 AMP PNP Darlington Power Transistor 80 Volts
SFT6039 SSDI-SFT6039 Datasheet
190Kb / 4P
NPN Darlington Power Transistor
SFT6039 SSDI-SFT6039 Datasheet
190Kb / 4P
4 AMP NPN Darlington Power Transistor 80 Volts
More results

Similar Description - SFT6032

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE15028 MOTOROLA-MJE15028 Datasheet
217Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120-150 VOLTS 50 WATTS
logo
ON Semiconductor
NTB90N02 ONSEMI-NTB90N02 Datasheet
75Kb / 9P
Power MOSFET 90 Amps, 24 Volts
October, 2003 ??Rev. 1
MTP75N05HD ONSEMI-MTP75N05HD Datasheet
89Kb / 8P
Power MOSFET 75 Amps, 50 Volts
November, 2000 ??Rev. 4
MJE15028 ONSEMI-MJE15028_06 Datasheet
79Kb / 6P
8 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 120??50 VOLTS, 50 WATTS
February, 2006 ??Rev. 4
NTB90N02 ONSEMI-NTB90N02_05 Datasheet
72Kb / 8P
Power MOSFET 90 Amps, 24 Volts
March, 2005 ??Rev. 2
logo
Solid States Devices, I...
SFT6678 SSDI-SFT6678 Datasheet
39Kb / 2P
15 AMPS 400 Volts NPN High Speed Power Transistor
1N3879 SSDI-1N3879 Datasheet
201Kb / 2P
6 AMPS 50-400 VOLTS 120 nsec FAST RECOVERY RECTIFIER
SFT5671 SSDI-SFT5671 Datasheet
189Kb / 2P
30 - 50 AMPS 90 - 130 Volts High Power NPN Transistors
SPT5006 SSDI-SPT5006 Datasheet
82Kb / 2P
10 AMPS 100 Volts High Power - High Speed NPN Transistors
logo
ON Semiconductor
2N5038 ONSEMI-2N5038_07 Datasheet
84Kb / 3P
NPN Silicon Transistors 20 AMPERE POWER TRANSISTORS 90 VOLTS - 140 WATTS
August, 2007 - Rev. 12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com