Electronic Components Datasheet Search
  English  ▼

X  

SFT6033 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT6033
Description  50 AMPS 90 - 120 Volts High Power NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT6033 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT6033 Datasheet HTML 1Page - Solid States Devices, Inc SFT6033 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0092A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT6032
SFT6033
Electrical Characteristics
Symbol
Min
Max
Unit
s
(IC = 200 mA) SFT6032
SFT6033
BVCEO
90
120
––
––
Collector – Emitter Blocking Voltage *
(IC = 200 mA, RBE = 50 O) SFT6032
SFT6033
BVCER
110
140
––
––
Volts
Collector – Emitter Blocking Voltage *(IC = 200 mA, VBE= -1.5 V) SFT6032
SFT6033
BVCEX
120
150
––
––
Volts
Collector Cutoff Current
(VCE = 80 V)
ICEO
––
1
mA
Collector Cutoff Current
(VCB = 120 V) SFT6032
(VCB = 150 V) SFT6033
ICBO
––
––
1
1
mA
Emitter Cutoff Current
(VEB = 7 V)
IEBO
––
1
mA
Collector Cutoff Current
TA= 25ºC
TA= 25ºC
TA= 150ºC
TA= 150ºC
(VCE = 110 V, VBE= 1.5 V) SFT6032
(VCE = 135 V, VBE= 1.5 V) SFT6033
(VCE = 100 V, VBE= 1.5 V) SFT6032
(VCE = 100 V, VBE= 1.5 V) SFT6033
ICEX
––
––
––
––
1
1
15
10
mA
DC Current Gain *
IC = 50 A, VCE = 2.6 V, SFT6032
IC = 40 A, VCE = 2 V, SFT6033
IC = 50 A, VCE = 2.6 V, TA=-55ºC SFT6032
IC = 40 A, VCE = 2 V, TA= -55ºC, SFT6033
hFE
10
10
5
5
50
50
––
––
Small Signal Common-Emitter
Forward Current Transfer Ratio
(IC = 2 A, VCE = 10 V, f = 5 MHz)
hfe
10
40
Collector-Emitter Saturation Voltage
*
(IC = 50 A, IB = 5 A) SFT6032
(IC = 40 A, IB = 4 A) SFT6033
VCE (SAT)
––
––
1.3
1.0
Volts
Base-Emitter Saturation Voltage *
(IC = 50 A, IB = 5 A) SFT6032
(IC = 40 A, IB = 4 A) SFT6033
VBE (SAT)
––
2.5
2.5
Volts
Output Capacitance
VCB = 10 V, IE = 0 A, f = 1.0MHz
Cob
––
1000
pF
Safe Operating Area
VCE= 2.8 V, IC= 50 A, t= 1 s, SFT6032
VCE= 3.5 V, IC= 40 A, t= 1 s, SFT6033
VCE= 24 V, IC= 5.8 A, t= 1 s
VCE= 40 V, IC= 0.9 A, t= 1 s
VCE= 90 V, IC= 0.18 A, t= 1 s, SFT6032
VCE= 120 V, IC= 0.10 A, t= 1 s, SFT6033
SOA1a
SOA1b
SOA2
SOA3
SOA4a
SOA4b
Turn-on Time
t(on)
––
500
ns
Turn-off Time
(VCC = 30 V, IC = 50.0 A, IB1 = IB2 = 5.0 A) SFT6032
(VCC = 30 V, IC = 40.0 A, IB1 = IB2 = 4.0 A) SFT6033
t(off)
––
2.0
µs
NOTES:
*
Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Up and Down Bend Configurations are Available for ‘M’ (TO-254)
Packages Only.
5/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Available Part Numbers:
SFT6032/3
SFT6033/3
PIN ASSIGNMENT (Standard)
Package
Collector
Emitter
Base
TO-3 (/3)
Case
Pin 2
Pin 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com