Electronic Components Datasheet Search
  English  ▼

X  

CMB1840 Datasheet(PDF) 2 Page - Cree LED

Part # CMB1840
Description  XLamp® CMB1840 LED
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CMB1840 Datasheet(HTML) 2 Page - Cree LED

  CMB1840 Datasheet HTML 1Page - Cree LED CMB1840 Datasheet HTML 2Page - Cree LED CMB1840 Datasheet HTML 3Page - Cree LED CMB1840 Datasheet HTML 4Page - Cree LED CMB1840 Datasheet HTML 5Page - Cree LED CMB1840 Datasheet HTML 6Page - Cree LED CMB1840 Datasheet HTML 7Page - Cree LED CMB1840 Datasheet HTML 8Page - Cree LED CMB1840 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
XLAMP® CMB1840 LED
© 2022-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp®, EasyWhite®, and the Cree
LED logo are registered trademarks of Cree LED. UL® and the UL logo are registered trademarks of UL LLC.
CLD-DS286
REV 7
2
CHARACTERISTICS
Characteristics
Unit
Minimum
Typical
Maximum
Viewing angle (FWHM)
degrees
115
ESD withstand voltage (JEDEC JS‑001‑2012)
V
Class 3A
DC forward current
mA
2400*
Reverse current
mA
0.1
Forward voltage (@ 1100 mA, 85 °C)
V
34.4
38
*
Refer to the Operating Limits section.
OPERATING LIMITS
The maximum current rating of the CMB1840 LED depends on the case temperature (Tc) when the LED has reached thermal equilibrium
under steady‑state operation. The graph shown below assumes that the system design employs good thermal management (thermal
interface material and heat sink) and may vary when poor thermal management is employed. Either solder pad shown in the Mechanical
Dimensions section on page 16 can be used as the Tc measurement point.
Another important factor in good thermal management is the temperature of the Light Emitting Surface (LES). Cree LED recommends a
maximum LES temperature of 140 °C to ensure optimal LED lifetime. Please refer to the Thermal Design section on page 17 for more
information on LES temperature measurement.
CMB1840
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
2400
2600
0
25
50
75
100
125
150
Case Temperature (°C)
105 °C, 2400 mA
125 °C,
923 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com