Electronic Components Datasheet Search
  English  ▼

X  

IRGP4085DPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRGP4085DPBF
Description  PDP TRENCH IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP4085DPBF Datasheet(HTML) 6 Page - International Rectifier

  IRGP4085DPBF Datasheet HTML 1Page - International Rectifier IRGP4085DPBF Datasheet HTML 2Page - International Rectifier IRGP4085DPBF Datasheet HTML 3Page - International Rectifier IRGP4085DPBF Datasheet HTML 4Page - International Rectifier IRGP4085DPBF Datasheet HTML 5Page - International Rectifier IRGP4085DPBF Datasheet HTML 6Page - International Rectifier IRGP4085DPBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRGP4085DPbF
6
www.irf.com
Fig.17-Typical Forward Voltage Drop Characteristics
Fig.19-TypicalStoredCharge vs.diF /dt
Fig.18-TypicalReverseRecovery vs.di F /dt
Fig 21a. tst and EPULSE Test Circuit
Fig 21b. tst Test Waveforms
Fig 21c. EPULSE Test Waveforms
1K
VCC
DUT
0
L
Fig. 22 - Gate Charge Circuit (turn-off)
DRIVER
DUT
L
C
VCC
RG
RG
B
A
Ipulse
Energy
VCE
IC Current
PULSEA
PULSEB
tST
Fig.20 - Switching Loss Circuit
100
1000
dif / dt - (A / µs)
20
30
40
50
60
70
80
90
IF = 8.0A, TJ =125°C
IF = 8.0A, TJ =25°C
0.0
0.5
1.0
1.5
2.0
2.5
VFM, Forward Voltage Drop (V)
0.1
1
10
100
Tj = 150°C
Tj = 25°C
100
1000
dif / dt - (A / µs)
0
100
200
300
400
IF = 8.0A, TJ =125°C
IF = 8.0A, TJ =25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com