Electronic Components Datasheet Search
  English  ▼

X  

TMP112DX Datasheet(PDF) 10 Page - Texas Instruments

Part # TMP112DX
Description  TMP112x High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563 and X2SON Packages
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112DX Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMP112DX Datasheet HTML 6Page - Texas Instruments TMP112DX Datasheet HTML 7Page - Texas Instruments TMP112DX Datasheet HTML 8Page - Texas Instruments TMP112DX Datasheet HTML 9Page - Texas Instruments TMP112DX Datasheet HTML 10Page - Texas Instruments TMP112DX Datasheet HTML 11Page - Texas Instruments TMP112DX Datasheet HTML 12Page - Texas Instruments TMP112DX Datasheet HTML 13Page - Texas Instruments TMP112DX Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
Temperature (C)
-60 -40 -20
0
20
40
60
80 100 120 140 160
5
6
7
8
9
10
11
12
13
14
15
1.4V Supply
3.6V Supply
Figure 6-8. Conversion Time vs Temperature
6.9 Typical Characteristics (TMP112Dx)
at TA = 25°C and V+ = 3.3 V (unless otherwise noted)
Temperature (C)
-40
-20
0
20
40
60
80
100
120
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
TMP112Dx min
TMP112Dx Max
Average
Average +3
Average -3
Figure 6-9. Temperature Error vs Temperature
Supply Voltage (V)
1.4
1.6 1.8
2
2.2
2.4 2.6
2.8
3
3.2
3.4
3.6
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
TA = -40C
TA = 25C
TA = 125C
Figure 6-10. Temperature Error vs Supply Voltage
Supply Voltage (V)
1.4 1.6
1.8
2
2.2 2.4 2.6 2.8
3
3.2
3.4
3.6
0
150
300
450
600
750
900
1,050
1,200
1,350
TA = -40C
TA = 25C
TA = 125C
Figure 6-11. Shutdown Current vs Supply Voltage
Four conversions per second (continuous conversion mode)
Temperature (C)
-40
-20
0
20
40
60
80
100
120
4
4.5
5
5.5
6
6.5
V+ = 1.4V
V+ = 1.8V
V+ = 2.5V
V+ = 3.3V
V+ = 3.6V
Figure 6-12. Average Quiescent Current vs Temperature
TMP112, TMP112D
SBOS473L – MARCH 2009 – REVISED JULY 2024
www.ti.com
10
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMP112 TMP112D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com