Electronic Components Datasheet Search
  English  ▼

X  

SC26C94 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # SC26C94
Description  Quad universal asynchronous receiver/transmitter QUART
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC26C94 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button SC26C94 Datasheet HTML 11Page - NXP Semiconductors SC26C94 Datasheet HTML 12Page - NXP Semiconductors SC26C94 Datasheet HTML 13Page - NXP Semiconductors SC26C94 Datasheet HTML 14Page - NXP Semiconductors SC26C94 Datasheet HTML 15Page - NXP Semiconductors SC26C94 Datasheet HTML 16Page - NXP Semiconductors SC26C94 Datasheet HTML 17Page - NXP Semiconductors SC26C94 Datasheet HTML 18Page - NXP Semiconductors SC26C94 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Philips Semiconductors
Product specification
SC26C94
Quad universal asynchronous receiver/transmitter (QUART)
1995 May 1
15
finished processing the present character and is ready to
search for the start bit of the next character.
Table 5. Bit Rate Generator Characteristics
Crystal or Clock = 3.6864MHz
NORMAL RATE
(BAUD)
ACTUAL 16X
CLOCK (kHz)
ERROR (%)
50
75
110
134.5
150
200
300
600
1050
1200
1800
2000
2400
4800
7200
9600
19.2K
38.4K
0.8
1.2
1.759
2.153
2.4
3.2
4.8
9.6
16.756
19.2
28.8
32.056
38.4
76.8
115.2
153.6
307.2
614.4
0
0
-0.069
0.059
0
0
0
0
-0.260
0
0
0.175
0
0
0
0
0
0
NOTE: Duty cycle of 16X clock is 50%
± 1%.
CR – Command Register
CR is used to write commands to the QUART.
CR[7:4] – Miscellaneous Commands
Issuing commands contained in the upper four bits of the “Command
Register” should be separated in time by at least three (3) X1 clock
edges. Allow four (4) edges if the “X1 clock divide by 2” mode is
used. The encoded value of this field can be used to specify a single
command as follows:
0000
No command.
0001
Reset MR pointer. Causes the MR pointer to point to
MR1.
0010
Reset receiver. Resets the receiver as if a hardware reset
had been applied. The receiver is disabled and the FIFO
pointer is reset to the first location.
0011
Reset transmitter. Resets the transmitter as if a hardware
reset had been applied.
0100
Reset error status. Clears the received break, parity error,
framing error, and overrun error bits in the status register
(SR[7:4]}. Used in character mode to clear OE status
(although RB, PE, and FE bits will also be cleared), and in
block mode to clear all error status after a block of data
has been received.
0101
Reset break change interrupt. Causes the break detect
change bit in the interrupt status register (ISR[2 or 6]) to
be cleared to zero.
0110
Start break. Forces the TxD output low (spacing). If the
transmitter is empty, the start of the break condition will be
delayed up to two bit times. If the transmitter is active, the
break begins when transmission of the character is
completed. If a character is in the TxFIFO, the start of
break is delayed until that character or any others loaded
after it have been transmitted (TxEMT must be true before
break begins). The transmitter must be enabled to start a
break
0111
Stop break. The TxD line will go high (marking) within two
bit times. TxD will remain high for one bit time before the
next character, if any, is transmitted.
1000
Assert RTSN. Causes the RTSN output to be asserted
(Low).
1001
Negate RTSN. Causes the RTSN output to be negated
(High).
1010
Set Timeout Mode On. The register in this channel will
restart the C/T as each receive character is transferred
from the shift register to the RxFIFO. The C/T is placed in
the counter mode, the START/STOP counter commands
are disabled, the counter is stopped, and the Counter
Ready Bit, ISR[3], is reset.
Only one receiver should use this mode at a time.
However, if both are on, the timeout occurs after both
receivers have been inactive for the timeout. The start of
the C/T will be on the logical ‘OR’ of the two receivers.
1011
Set MR Pointer to 0.
1100
Disable Timeout Mode. This command returns control of
the C/T to the regular START/STOP counter commands.
It does not stop the counter, or clear any pending
interrupts. After disabling the timeout mode, a ‘Stop
Counter’ command should be issued.
1101
Reserved.
111x
Reserved for testing.
CSR – Clock Select Register
CSR[7:4] – Receiver Clock Select
When using a 3.6864MHz crystal or external clock input, this field
selects the baud rate clock for the receiver as shown in Table 3.
The receiver clock is always a 16X clock, except for CSR[7:4] =
1111. I/O2x is external input.
CSR[3:0] – Transmitter Clock Select
This field selects the baud rate clock for the transmitter. The field
definition is as shown in Table 3, except as follows:
CSR[3:0]
ACR[7] = 0
ACR[7] = 1
1 1 1 0
I/O3x – 16X
I/O3x – 16X
1 1 1 1
I/O3x – 1X
I/O3x – 1X
CR[3] – Disable Transmitter
This command terminates transmitter operation and resets the
TxRDY and TxEMT status bits. However, if a character is being
transmitted or if a character is in the TxFIFO when the transmitter is
disabled, the transmission of the character(s) is completed before
assuming the inactive state.
While the transmitter is disabled (or a disable is pending), the
TxFIFO may not be loaded.
CR[2] – Enable Transmitter
Enables operation of the transmitter. The TxRDY and TxEMT status
bits will be asserted.
CR[1] – Disable Receiver
This command terminates operation of the receiver immediately – a
character being received will be lost. However any unread
characters in the RxFIFO area are still available. Disable is not the
same as a “receiver reset”. With a receiver reset any characters not
read are lost. The command has no effect on the receiver status bits
or any other control registers. If the special wake–up mode is
programmed, the receiver operates even if it is disabled (see
Wake-up Mode).
CR[0] – Enable Receiver
Enables operation of the receiver. If not in the special wake-up
mode, this also forces the receiver into the search for start bit state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com