Electronic Components Datasheet Search
  English  ▼

X  

IPA50R350CP Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IPA50R350CP
Description  isc N-Channel MOSFET Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IPA50R350CP Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IPA50R350CP Datasheet HTML 1Page - Inchange Semiconductor Company Limited IPA50R350CP Datasheet HTML 2Page - Inchange Semiconductor Company Limited IPA50R350CP Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
isc N-Channel MOSFET Transistor
IPA50R350CP
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 0.25mA
500
--
--
V
VGS(th)
Gate Threshold Voltage
VDS= 10V; ID=0.37mA
2.5
--
3.5
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID= 5.6A
--
--
0.35
Ω
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
--
--
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 500V; VGS= 0
--
--
1
uA
Ciss
Input Capacitance
VGS = 0V,
VDS = 100V,
f = 1.0MHz
--
871
--
pF
Coss
Output Capacitance
--
37
--
Crss
Reverse Transfer Capacitance
--
5
--
Qg
Total Gate Charge
VDD =400V,
ID = 5.6A,
VGS = 10V
--
22
--
nC
Qgs
Gate-Source Charge
--
4
--
Qgd
Gate-Drain Charge
--
8
--
td(on)
Turn-on Delay Time
VDD = 400V,
ID = 5.6A,
VGS = 10V,
RG = 25Ω
--
70
--
ns
tr
Turn-on Rise Time
--
70
--
td(off)
Turn-off Delay Time
--
145
--
tf
Turn-off Fall Time
--
59
--
Drain - Source Body Diode Characteristics
ISD
Continuous Source Current
Tc = 25 ºC
--
--
5.6
A
ISM
Pulsed Source Current
--
--
22
VSD
Diode Forward Voltage
ISD= 5.6A, VGS= 0V
--
--
1.2
V
trr
Reverse Recovery Time
VR =400V, IF = IS,
diF/dt = 100A /μs
--
377
--
us
Qrr
Reverse Recovery Charge
--
3.4
--
uC
VSD
Forward On-Voltage
IS= 5.6A; VGS= 0
--
--
1.2
V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com