Electronic Components Datasheet Search
  English  ▼

X  

2N7622U2 Datasheet(PDF) 2 Page - International Rectifier

Part # 2N7622U2
Description  RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2N7622U2 Datasheet(HTML) 2 Page - International Rectifier

  2N7622U2 Datasheet HTML 1Page - International Rectifier 2N7622U2 Datasheet HTML 2Page - International Rectifier 2N7622U2 Datasheet HTML 3Page - International Rectifier 2N7622U2 Datasheet HTML 4Page - International Rectifier 2N7622U2 Datasheet HTML 5Page - International Rectifier 2N7622U2 Datasheet HTML 6Page - International Rectifier 2N7622U2 Datasheet HTML 7Page - International Rectifier 2N7622U2 Datasheet HTML 8Page - International Rectifier 2N7622U2 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRHLNA797064, 2N7622U2
Pre-Irradiation
2
www.irf.com
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
-56*
ISM
Pulse Source Current (Body Diode)
À
—
—
-224
VSD
Diode Forward Voltage
—
—
-5.0
V
Tj = 25°C, IS = -56A, VGS = 0V Ã
trr
Reverse Recovery Time
—
—
159
ns
Tj = 25°C, IF = -56A, di/dt ≤ -100A/µs
QRR Reverse Recovery Charge
—
—
430
nC
VDD ≤ -25V Ã
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Note: Corresponding Spice and Saber models are available on International Rectifier Web site.
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-60
—
—
V
VGS = 0V, ID = -250µA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
-0.06
—
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.015
Ω
VGS = -4.5V, ID = -56A
Resistance
VGS(th)
Gate Threshold Voltage
-1.0
—
-2.0
V
VDS = VGS, ID = -250µA
∆VGS(th)/∆TJ Gate Threshold Voltage Coefficient
—
4.1
—
mV/°C
gfs
Forward Transconductance
82
—
—
S
VDS = -15V, IDS = -56A Ã
IDSS
Zero Gate Voltage Drain Current
—
—
-1.0
VDS= -48V ,VGS=0V
—
—
-10
VDS = -48V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
—
—
-100
VGS = -10V
IGSS
Gate-to-Source Leakage Reverse
—
—
100
VGS = 10V
Qg
Total Gate Charge
—
—
190
VGS = -4.5V, ID = -56A
Qgs
Gate-to-Source Charge
—
—
53
nC
VDS = -30V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
56
td(on)
Turn-On Delay Time
—
—
38
VDD = -30V, ID = -56A,
tr
Rise Time
—
—
265
VGS = -6.0V, RG = 2.35Ω
td(off)
Turn-Off Delay Time
—
—
210
tf
Fall Time
—
—
70
LS + LD
Total Inductance
—
4.0
—
Ciss
Input Capacitance
—
10520
—
VGS = 0V, VDS = -25V
Coss
Output Capacitance
—
2780
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
310
—
nA
Ã
nH
ns
µA
Measured from the center of
drain pad to center of source pad
* Current is limited by package
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction-to-Case
—
—
0.5
RthJ-PCB
Junction-to-PC board
—
1.6
—
soldered to a 2” square copper-cladboard
°C/W
Rg
Gate Resistance
2.3
Ω
f = 1.0MHz, open drain



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com