Electronic Components Datasheet Search
  English  ▼

X  

TPS628438DRLR Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS628438DRLR
Description  TPS62843 1.8V to 5.5V, 600mA, 275nA IQ, Small-Size Step-Down Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS628438DRLR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS628438DRLR Datasheet HTML 9Page - Texas Instruments TPS628438DRLR Datasheet HTML 10Page - Texas Instruments TPS628438DRLR Datasheet HTML 11Page - Texas Instruments TPS628438DRLR Datasheet HTML 12Page - Texas Instruments TPS628438DRLR Datasheet HTML 13Page - Texas Instruments TPS628438DRLR Datasheet HTML 14Page - Texas Instruments TPS628438DRLR Datasheet HTML 15Page - Texas Instruments TPS628438DRLR Datasheet HTML 16Page - Texas Instruments TPS628438DRLR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The following sections discuss the design of the external components to complete the power supply design for
several input and output voltage options by using typical applications as a reference.
8.2 Typical Application
VIN
1.8V to 5.5V
GND
EN
VIN
VSET
SW
VOS
CIN =
4.7 F
COUT =
10µF
L = 1µH
VOUT
0.4V to 3.6V
RSET
Figure 8-1. TPS62843 Typical Application Circuit
8.2.1 Design Requirements
Table 8-1 shows the list of components for the application circuit and the characteristic application curves.
Table 8-1. Components for Application Characteristic Curves
Reference
Description
Value
Size Code Inch [metric L × W × T]
Manufacturer
TPS628436,
TPS628437,
TPS628438
275nA-IQ buck converter
[1.05mm × 0.8mm × 0.4mm]
TI
CIN
Ceramic capacitor
GRM155R60J475ME47D
4.7μF
0402 [1.0mm × 0.5mm × 0.5mm]
Murata
L
Inductor DFE201610-1R0M
1μH
0806 [2.0mm × 1.6mm × 1.0mm]
Murata
COUT
Ceramic capacitor
GRM155R60J106ME15D
10μF
0402 [1.0mm × 0.5mm × 0.5mm]
Murata
RSET
See voltage setting table
0402 [1.0mm × 0.5mm × 0.5mm]
8.2.2 Detailed Design Procedure
Follow the passive component selection per the typical application circuit.
www.ti.com
TPS62843
SLVSFU8C – JANUARY 2022 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS62843



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com