Electronic Components Datasheet Search
  English  ▼

X  

FIDO5110BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # FIDO5110BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5110BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button FIDO5110BBCZ Datasheet HTML 9Page - Analog Devices FIDO5110BBCZ Datasheet HTML 10Page - Analog Devices FIDO5110BBCZ Datasheet HTML 11Page - Analog Devices FIDO5110BBCZ Datasheet HTML 12Page - Analog Devices FIDO5110BBCZ Datasheet HTML 13Page - Analog Devices FIDO5110BBCZ Datasheet HTML 14Page - Analog Devices FIDO5110BBCZ Datasheet HTML 15Page - Analog Devices FIDO5110BBCZ Datasheet HTML 16Page - Analog Devices FIDO5110BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
fido5100/fido5200
THEORY OF OPERATION
analog.com
Rev. G | 13 of 21
which is sampled on the rising edge of RESET. See Table 5 for pin
function descriptions for the MBS and RESET signals.
Data Bus Width
The host interface supports either a 16-bit or 32-bit wide data bus.
The data bus width is determined by the SIZE_32 (Pin E3) signal
that is sampled on the rising edge of RESET. See Table 5 for pin
function descriptions for the SIZE_32 and RESET signals.
Endianness
The host interface presents data on the data bus in either big endi-
an or little endian format. The endianness of the data is determined
by the LE signal (Pin E2), which is sampled on the rising edge of
the RESET signal. See Table 5 for pin function descriptions for the
LE and RESET signals.
The REM switch data bus is defined as follows:
►
D0 = LSB
►
D15 = MSB for 16-bit bus
►
D31 = MSB for 32-bit bus
For all control/status register accesses, there is no difference in op-
eration based on the setting of the LE pin. The data representation
in a host processor register must match the data that is transferred
over the bus.
All control/status registers are 16-bits wide. If using a 32-bit bus,
transfer the data in the following order: D15 to D0 (D31 to D16 are
ignored when using a 32-bit bus). For example, the REM switch
driver reads the device number register early in the initialization
process. In the case of the number, 0x00003300, the value read
from this register must be transferred across the bus, as shown in
Table 6 and Table 7. When evaluated in the software on the host
processor, the value of these 32 bits results in 0x00003300.
For queue accesses, the REM switch treats all data as byte arrays.
Consider the following example of a stream of bytes received over
an Ethernet cable into a REM switch port and then transferred to
the host. The packet data in network order is as follows: 0x00,
0x01, 0x02, 0x03, 0x04, 0x05, 0x06, 0x07, 0x08, 0x09, 0x0A, 0x0B,
0x0C, 0x0D, 0x0E, 0x0F.
The data is read differently depending on the setting, as follows:
►
Big endian 16-bit host interface: 0x0001, 0x0203, 0x0405,
0x0607, 0x0809, 0x0A0B, 0x0C0D, 0x0E0F.
►
Big endian 32-bit host interface: 0x00010203, 0x04050607,
0x08090A0B, 0x0C0D0E0F.
►
Little endian 16-bit host interface: 0x0100, 0x0302, 0x0504,
0x0706, 0x0908, 0x0B0A, 0x0D0C, 0x0F0E.
►
Little endian 32-bit host interface: 0x03020100, 0x07060504,
0x0B0A0908, 0x0F0E0D0C.
Consult the UG-1285, REM Switch Software Driver User Guide
for more details on how to handle endianness in an application of
a device.
Table 6. Control/Status Registers Bit Map—Bits[D31:D16]
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 7. Control/Status Registers Bit Map—Bits[D15:D0]
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
0
1
1
0
0
0
0
0
0
0
0
Table 8. Big Endian 16-Bit Data Bus Bit Map, 0x0E0F Hexadecimal—Bits[D31:D16]
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Table 9. Big Endian 16-Bit Data Bus Bit Map, 0x0E0F Hexadecimal—Bits[D15:D0]
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
0
0
0
0
0
1
1
1
1
Table 10. Big Endian 32-Bit Data Bus Bit Map, 0x0C0D0E0F Hexadecimal—Bits[D31:D16]
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
1
1
0
0
0
0
0
0
1
1
0
1
Table 11. Big Endian 32-Bit Data Bus Bit Map, 0x0C0D0E0F Hexadecimal—Bits[D15:D0]
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
0
0
0
0
0
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com