Electronic Components Datasheet Search
  English  ▼

X  

TPSM82814PVCAR Datasheet(PDF) 32 Page - Texas Instruments

Part # TPSM82814PVCAR
Description  TPSM8281x 2.7V to 6V Input 4A / 6A Step-Down Power Module with Integrated Inductor, Frequency Synchronization in MicroSIP™ and MagPack™ Package
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM82814PVCAR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TPSM82814PVCAR Datasheet HTML 28Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 29Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 30Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 31Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 32Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 33Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 34Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 35Page - Texas Instruments TPSM82814PVCAR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(R0.1) TYP
6X (0.25)
6X (0.75)
6X (0.65)
(2.65)
4X (0.8)
2X (2)
2X (3.35)
4X (0.3)
4X (0.575)
4X (0.45)
4X (1)
4X (1.4)
uSIP - 1.6 mm max height
SIE0014A-C01
MICRO SYSTEM IN PACKAGE
4228828/B 10/2022
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
TM
SYMM
SYMM
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:25X
1
5
6
10
14
13
11
12
TPSM82816
SLUSEY7A – DECEMBER 2022 – REVISED JUNE 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM82816



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com