Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 3 Page - Analog Devices

Part # LTM2881
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 3 Page - Analog Devices

  LTM2881 Datasheet HTML 1Page - Analog Devices LTM2881 Datasheet HTML 2Page - Analog Devices LTM2881 Datasheet HTML 3Page - Analog Devices LTM2881 Datasheet HTML 4Page - Analog Devices LTM2881 Datasheet HTML 5Page - Analog Devices LTM2881 Datasheet HTML 6Page - Analog Devices LTM2881 Datasheet HTML 7Page - Analog Devices LTM2881 Datasheet HTML 8Page - Analog Devices LTM2881 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTM2884
3
Rev. D
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V, VBUS = 5V, GND = GND2 = 0V, ON = VLO, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
VCC
Operating Supply Range (Isolated Power Input)
l
4.4
12
16.5
V
VBUS
Operating Supply Range (USB Bus Power Input)
l
4.4
5
16.5
V
VCC Supply Current Power Off
ON = 0V, VCC = 4.4V to 16.5V
l
100
500
µA
ICC
VCC Supply Current Power On
ICC2 = 0mA, Figure 1, LTM2884
l
50
100
mA
ICC2 = 0mA, Figure 1, LTM2884(a)
l
9
35
mA
VBUS Supply Current Power Off
ON = 0V
l
10
100
µA
IBUS
VBUS Supply Current Power On
IVLO = 0mA, Figure 1
l
6
9
mA
VBUS Supply Current Suspend Mode
SPNDPWR = 3.3V
USB Suspend Timeout
SPNDPWR = 0,
USB Suspend Timeout
l
l
1.5
500
2.0
µA
mA
VCC2
Regulated VCC2 Output Voltage, Loaded LTM2884
VCC = 4.4V, ICC2 = 200mA, Figure 1
VCC = 8.6V, ICC2 = 500mA, Figure 1
l
l
4.75
4.75
5
5
5.25
5.25
V
V
Regulated VCC2 Output Voltage, Loaded LTM2884(a)
VCC = 4.4V, ICC2 = 200mA, Figure 1
VCC = 8.6V, ICC2 = 500mA, Figure 1
4.75
4.75
5
5
5.25
5.25
V
V
VCC = 4.4V, ICC2 = 200mA, Figure 1
VCC = 8.6V, ICC2 = 500mA, Figure 1
l
l
4.5
4.5
5
5
5.5
5.5
V
V
VCC2 Source Current High Power Mode
VCC = 8.6V, Figure 1
l
500
mA
VCC2 Source Current Bus Power Mode
VCC = VBUS = 4.4V, Figure 1
l
200
mA
VLO
VLO Regulated Output Voltage
IVLO = 0mA to 10mA,Figure 1
l
3.15
3.3
3.45
V
VLO Output Voltage Maximum Current
Figure 1
l
10
mA
VLO2
VLO2 Regulated Output Voltage
IVLO2 = 0mA to 10mA, Figure 1
l
3.15
3.3
3.45
V
VLO2 Output Voltage Maximum Current
Figure 1
l
10
mA
USB Input Levels (D1+, D1–, D2+, D2–)
VIH
Single-Ended Input High Voltage
l
2.0
V
VIL
Single-Ended Input Low Voltage
l
0.8
V
VHYS
Single-Ended Input Hysteresis
200
mV
VDIFF
Differential Input Sensitivity
|(D1+ – D1–)| or |(D2+ – D2–)|
l
0.2
V
VCM
Common Mode Voltage Range
|(D1+ + D1–)|/2 or |(D2+ + D2–)|/2
l
0.8
2.5
V
Logic Input Levels (ON, SPNDPWR)
VIHL
Logic Input High Voltage
l
2.0
V
VILL
Logic Input Low Voltage
l
0.8
V
IINL
Logic Input Current
l
±1
µA
VHYSL
Logic Input Hysteresis
200
mV
USB Output Levels (D1+, D1–, D2+, D2–)
VOL
Output Low Voltage
RPU = 1.5k to 3.6V, Figure 4
l
0
0.3
V
VOH
Output High Voltage
RPD = 15k to 0V, Figure 4
l
2.8
3.6
V
VCRS
Differential Output Signal Cross-Point Voltage
l
1.3
2.0
V
Terminations
RPU
Bus Pull-Up Resistance on Upstream Facing Port
D2+ or D2– Pull-Up to 3.3V
1.425
1.575
kΩ
RPD
Bus Pull-Down Resistance on Downstream Facing Port D2+ and D2– Pull-Down to GND2
14.25
15.75
kΩ
ZDRV
USB Driver Output Resistance
l
28
44
Ω
CINUSB
USB Transceiver Pad Capacitance to GND
(Note 2)
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com