Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM2882
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 1 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTM2884
1
Rev. D
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Isolated USB Transceiver with Isolated Power
The LTM®2884 is a complete galvanically isolated USB
2.0 compatible μModule® (micromodule) transceiver.
An upstream supply powers both sides of the interface
through an integrated, isolated DC/DC converter.
The LTM2884 is ideal for isolation in host, hub, bus split-
ter or peripheral device applications. It is compatible with
USB 2.0 full speed (12Mbps) and low speed (1.5Mbps)
operation. Automatic speed selection configures inte-
grated pull-up resistors on the upstream port to match
those sensed on the downstream device.
The isolator µModule technology uses coupled induc-
tors and an isolated power transformer to provide isola-
tion between the upstream and downstream USB inter-
face. This device is ideal for systems requiring isolated
ground returns or large common mode voltage variations.
Uninterrupted communication is guaranteed for common
mode transients greater than 30kV/μs.
Enhanced ESD protection allows this part to withstand
up to ±15kV (human body model) on the USB transceiver
interface pins to local supplies and ±15kV through the
isolation barrier to supplies without latch-up or damage.
Powered 2.5W Isolated Hub Port
APPLICATIONS
n
LTM2884: 2500VRMS for 1 Minute
n
LTM2884(a): 3000VRMS for 1 Minute
n
LTM2884: UL Recognized
File #E151738
n
LTM2884(a): CSA Recognized
File #255632
n
USB 2.0 Full Speed and Low Speed Compatible
n
Integrated Isolated DC/DC Converter, External or
Bus Powered
n
Auto-Configuration of Bus Speed
n
2.5W (500mA at 5V) Output Power from External
Input Supply (VCC = 8.6V to 16.5V)
n
1W (200mA at 5V) Output Power from USB Bus
Supply (VBUS)
n
3.3V LDO Output Supply Signal References VLO, VLO2
n
High Common Mode Transient Immunity: 30kV/μs
n
ESD: ±15kV HBM on USB Interface Pins
n
15mm × 15mm × 5mm Surface Mount BGA Package
n
Isolated USB Interfaces
n
Host, Hub, or Device Isolation
n
Industrial/Medical Data Acquisition
Bus Powered 1W Isolated Peripheral Device
2884 TA01a
VLO
LTM2884
500mA AT 5V
ON
4.4V TO 16.5V
VBUS
VBUS2
8.6V TO 16.5V
100µF
VCC
SPNDPWR
D1+
D1–
VCC2
VLO2
D2+
DOWNSTREAM
USB PORT
D2–
GND2
GND
15k
15k
+
PWR
HUB
µC
2884 TA01b
VLO
ON
SPNDPWR
VCC2
VBUS
VBUS
GND
GND2
GND
UPSTREAM
USB PORT
VCC
LTM2884
200mA AT 5V
D1+
PERIPHERAL
D1–
VLO2
D2+
D2–
PWR
1.5k
All registered trademarks and trademarks are the property of their respective owners.


Similar Part No. - LTM2882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2882 LINER-LTM2882 Datasheet
280Kb / 16P
Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882 Datasheet
291Kb / 18P
Dual Isolated RS232 關Module Transceiver Power
LTM2882 LINER-LTM2882 Datasheet
398Kb / 24P
Complete Isolated RS485/RS422 關Module
LTM2882 LINER-LTM2882 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2882 LINER-LTM2882 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
More results

Similar Description - LTM2882

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1535 LINER-LTC1535 Datasheet
226Kb / 12P
Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_1 Datasheet
247Kb / 16P
Isolated RS485 Transceiver
LTC1535 LINER-LTC1535_2 Datasheet
263Kb / 18P
Isolated RS485 Transceiver
logo
Texas Instruments
ISO1050 TI-ISO1050_10 Datasheet
773Kb / 23P
ISOLATED CAN TRANSCEIVER
ISO1050_101 TI-ISO1050_101 Datasheet
822Kb / 24P
ISOLATED CAN TRANSCEIVER
ISO1050 TI1-ISO1050_13 Datasheet
1Mb / 33P
ISOLATED CAN TRANSCEIVER
logo
Linear Technology
LTM2884 LINER-LTM2884_15 Datasheet
423Kb / 24P
Isolated USB Transceiver with Isolated Power
LTM2884 LINER-LTM2884 Datasheet
707Kb / 24P
Isolated USB Transceiver with Isolated Power
LTM2894 LINER-LTM2894 Datasheet
401Kb / 16P
Isolated USB Data Transceiver
logo
Guangzhou Reicu Electro...
RS3485C REICU-RS3485C Datasheet
3Mb / 1P
Isolated transceiver module
REV:18.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com