Electronic Components Datasheet Search
  English  ▼

X  

LTM2881 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM2881
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2881 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM2881 Datasheet HTML 9Page - Analog Devices LTM2881 Datasheet HTML 10Page - Analog Devices LTM2881 Datasheet HTML 11Page - Analog Devices LTM2881 Datasheet HTML 12Page - Analog Devices LTM2881 Datasheet HTML 13Page - Analog Devices LTM2881 Datasheet HTML 14Page - Analog Devices LTM2881 Datasheet HTML 15Page - Analog Devices LTM2881 Datasheet HTML 16Page - Analog Devices LTM2881 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTM2894
13
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
EMI
Radiated emissions have been measured for the LTM2894
using a gigahertz transverse electromagnetic (GTEM) cell
without a USB cable attached. The performance shown in
Figure 5. Low Noise, Low EMI, 5kVRMS, Reinforced USB Isolator Demo Circuit
Figure 7 EMI Plot was achieved with the layout structure
in Figure 6. Results are corrected per IEC 61000-4-20.
VIN
LT3065-5
GND
SHDN
IN
IN
PWRGD
IMAX
SENSE
OUT
OUT
ADJ
BYP
1
2
5
4
3
11
10
9
8
7
6
VBUS2
J1
LTM2894
VCC2
VIN
VBUS
VLO
D1–
B6
A6
B5
A5
B4
A4
B3
A3
B2
A2
4
1
B1
A1
3
2
GND
VBUS
D+
D–
VLO2
D1+
JP1
VCC
5V TO 36V
D1
MBR0580S1
W6
X6
W5
X5
W4
X4
W3
X3
W2
X2
W1
X1
JP2
GND
JP3
VCC2
INPUT = 6V TO 36V
OUTPUT = ~6V, 200mA
JP4
GND2
C6
4.7µF
1210
R10
1.5k
C7
22nF
J2
D2– D2+
GND
VBUS
GND
GND
GND
VLO
GND
ON
GND
D1+
GND
D1–
GND2
VBUS2
GND2
GND2
GND2
VLO2
GND2
ON2
GND2
D2+
GND2
D2–
4
1
3
2
GND
VBUS
VBUS2
D+
D–
D3
MBR0580S1
D4
MBR0580S1
L1
10µH VCC2
TR2
1:1.7
C4
47pF
R8
249
0805
TR1
1:1.1
6
5
4
6
5
4
1
2
3
1
2
3
C3
4.7µF
1210
50V
C2
180pF
C8
1nF
LT3999
4
3
2
1
UVLO VIN RBIAS SWA
R1
49.9k
R2
464k
5
OVLO/DC
7
8
10
11 GND
RT SYNC
PINS NOT USED IN LT3999
CIRCUIT: ILIM/SS, RDC
SWB
2894 F05
R3, 28k
R1
100k
R5
39
0805
C9
10nF
C10
10µF
0805
C5
47pF
R9
249
0805
TR1: WURTH ELEKTRONIK 760390012
TR2: WURTH ELEKTRONIK 750313769
C10
4.7µF
2312
50V
D2
MBR0580S1
R7
100k
ON
R6
100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com