Electronic Components Datasheet Search
  English  ▼

X  

LTM2894 Datasheet(PDF) 7 Page - Analog Devices

Part # LTM2894
Description  Isolated USB Transceiver with Isolated Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2894 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTM2894 Datasheet HTML 3Page - Analog Devices LTM2894 Datasheet HTML 4Page - Analog Devices LTM2894 Datasheet HTML 5Page - Analog Devices LTM2894 Datasheet HTML 6Page - Analog Devices LTM2894 Datasheet HTML 7Page - Analog Devices LTM2894 Datasheet HTML 8Page - Analog Devices LTM2894 Datasheet HTML 9Page - Analog Devices LTM2894 Datasheet HTML 10Page - Analog Devices LTM2894 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTM2884
7
Rev. D
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
VCC2 = Load Step Response,
0mA to 500mA (VCC = 12V)
VCC2 = Load Step Response,
0mA to 200mA (VCC = 5V)
ICC vs Temperature
Upstream VBUS Droop During
Plug-In with CLOAD = 100µF
Full Speed Data Start of Packet
VCC2 Ripple, VCC = 5V,
ICC2 = 200mA
VCC2 Start-Up Ramp
TA = 25°C, VCC = 5V, VBUS = 5V, GND = GND2 = 0V,
ON = 3.3V, unless otherwise noted.
LTM2884(a)
2µs/DIV
50mV/DIV
2884 G10
VCC2 Ripple, VCC = 12V,
ICC2 = 500mA
0mA to 500mA (VCC = 12V)
LTM2884(a)
100µs/DIV
ICC2
200mA/DIV
VCC2
500mV/DIV
2884 G13
CC
LTM2884(a)
100µs/DIV
ICC2
200mA/DIV
VCC2
500mV/DIV
2884 G14
VCC = 5V
VCC = 4.4V
ICC2 = 0mA
LTM2884(a)
VCC = 8.1V
VCC = 12V
VCC = 16.5V
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0
10
20
30
40
50
60
70
CC
2884 G15
LOAD
LTM2884(a)
PLUG IN TO HOST
500µs/DIV
ISOLATED
VCC2
2V/DIV
2884 G17
HOST
VBUS
1V/DIV
100ns/DIV
500mV/DIV
2884 G18
D2+
D2–
LTM2884(a)
2µs/DIV
50mV/DIV
2884 G11
CC2
LTM2884(a)
ON
VCC2
400µs/DIV
1V/DIV
2884 G12
VCC2 Droop/Plug-In Response
CC2
LTM2884(a)
200µs/DIV
2884 G16
VCC2
1V/DIV
VCC
1V/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com