Electronic Components Datasheet Search
  English  ▼

X  

LTM2882 Datasheet(PDF) 2 Page - Analog Devices

Part # LTM2882
Description  Isolated USB Data Transceiver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2882 Datasheet(HTML) 2 Page - Analog Devices

  LTM2882 Datasheet HTML 1Page - Analog Devices LTM2882 Datasheet HTML 2Page - Analog Devices LTM2882 Datasheet HTML 3Page - Analog Devices LTM2882 Datasheet HTML 4Page - Analog Devices LTM2882 Datasheet HTML 5Page - Analog Devices LTM2882 Datasheet HTML 6Page - Analog Devices LTM2882 Datasheet HTML 7Page - Analog Devices LTM2882 Datasheet HTML 8Page - Analog Devices LTM2882 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTM2894
2
Rev A
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltages
VBUS to GND.......................................... –0.3V to 45V
VBUS2 to GND2 ...................................... –0.3V to 45V
VLO to GND .................................................. –0.3V to 4V
VLO2 to GND2............................................... –0.3V to 4V
ON to GND ...................................... –0.3V to (VLO + 0.3)
ON2 to GND2 ................................ –0.3V to (VLO2 + 0.3)
D1+, D1– to GND ....................................... –0.3V to 5.3V
D2+, D2– to GND2 .................................... –0.3V to 5.3V
Operating Temperature Range
LTM2894C (Notes 1, 3)................................0 to 70°C
LTM2894I (Notes 1, 3).............................–40 to 85°C
LTM2894H (Notes 1, 3) ......................... –40 to 125°C
Storage Temperature Range ...................... –40 to 125°C
Maximum Internal Operating Temperature............ 125°C
Lead Temperature (Soldering, 10 sec)...................260°C
(Note 1)
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
TOP VIEW
D1– D1+ ON VLO
VBUS
GND
D2– D2+ ON2 VLO2
VBUS2
GND
GND2
GND2
BGA PACKAGE
24-LEAD (22mm × 6.25mm × 2.06mm)
TJMAX = 125°C, θJA = 49.6°C/W, θJB = 33.7°C/W, θJCTOP = 26°CW, θJCBOT = 34°C/W,
WEIGHT = 0.5g
ORDER INFORMATION
PART NUMBER
PACKAGE
TYPE
BALL FINISH
PART MARKING
MSL
RATING
TEMPERATURE RANGE
DEVICE
FINISH CODE
LTM2894CY#PBF
BGA
SAC305 (RoHS)
LTM2894Y
e1
3
0°C to 70°C
LTM2894IY#PBF
–40°C to 85°C
LTM2894HY#PBF
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or ball finish code is per IPC/JEDEC J-STD-609.
• BGA Package and Tray Drawings
• This product is not recommended for second side reflow.
This product is moisture sensitive. For more information, go to
Recommended BGA PCB Assembly and Manufacturing Procedures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com