Electronic Components Datasheet Search
  English  ▼

X  

1008167 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1008167
Description  SH-Z0017 - Contact insert
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1008167 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1008167 Datasheet HTML 1Page - PHOENIX CONTACT 1008167 Datasheet HTML 2Page - PHOENIX CONTACT 1008167 Datasheet HTML 3Page - PHOENIX CONTACT 1008167 Datasheet HTML 4Page - PHOENIX CONTACT 1008167 Datasheet HTML 5Page - PHOENIX CONTACT 1008167 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Insulating body pin (power, signal, and data) for M23 hybrid connectors
Commercial data
Item number
1008167
Packing unit
100 pc
Minimum order quantity
300 pc
Product key
ABRCDT
GTIN
4055626691039
Weight per piece (including packing)
5.604 g
Weight per piece (excluding packing)
5.491 g
Country of origin
DE
SH-Z0017 - Contact insert
1008167
https://www.phoenixcontact.com/us/products/1008167
Jul 2, 2024, 7:06 AM
Page 1 (6)


Similar Part No. - 1008167

ManufacturerPart #DatasheetDescription
logo
3M Electronics
100816 3M-100816 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
PHOENIX CONTACT
1008160 PHOENIX-1008160 Datasheet
291Kb / 6P
SH-Z0011 - Spacer sleeve
1008161 PHOENIX-1008161 Datasheet
291Kb / 6P
SH-Z0012 - Contact insert
1008162 PHOENIX-1008162 Datasheet
284Kb / 6P
SH-Z0013 - Connector component
1008163 PHOENIX-1008163 Datasheet
292Kb / 6P
SH-Z0014 - Contact insert
More results

Similar Description - 1008167

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1598466 PHOENIX-1598466 Datasheet
197Kb / 3P
Contact insert - RC-12S1N120000
1599367 PHOENIX-1599367 Datasheet
225Kb / 3P
Contact insert - RC-12S1NC20000
1618049 PHOENIX-1618049 Datasheet
128Kb / 2P
Color-coding - ST-Z0017
1551422 PHOENIX-1551422 Datasheet
909Kb / 18P
SACC-CI-M12FS-8CON-L180-THR SH - Contact insert
1432363 PHOENIX-1432363 Datasheet
1Mb / 18P
SACC-CI-M12FS-5CON-L180-THR SH - Contact insert
1008163 PHOENIX-1008163 Datasheet
292Kb / 6P
SH-Z0014 - Contact insert
1244461 PHOENIX-1244461 Datasheet
197Kb / 5P
SH-20KS0,25-2,50 - Crimp contact
1244464 PHOENIX-1244464 Datasheet
194Kb / 5P
SH-20KP0,25-2,50 - Crimp contact
1008161 PHOENIX-1008161 Datasheet
291Kb / 6P
SH-Z0012 - Contact insert
1244458 PHOENIX-1244458 Datasheet
192Kb / 5P
SH-08KP0,06-0,34 - Crimp contact
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com