Electronic Components Datasheet Search
  English  ▼

X  

SCC2691 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SCC2691
Description  Universal asynchronous receiver/transmitter UART
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCC2691 Datasheet(HTML) 3 Page - NXP Semiconductors

  SCC2691 Datasheet HTML 1Page - NXP Semiconductors SCC2691 Datasheet HTML 2Page - NXP Semiconductors SCC2691 Datasheet HTML 3Page - NXP Semiconductors SCC2691 Datasheet HTML 4Page - NXP Semiconductors SCC2691 Datasheet HTML 5Page - NXP Semiconductors SCC2691 Datasheet HTML 6Page - NXP Semiconductors SCC2691 Datasheet HTML 7Page - NXP Semiconductors SCC2691 Datasheet HTML 8Page - NXP Semiconductors SCC2691 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Philips Semiconductors
Product specification
SCC2691
Universal asynchronous receiver/transmitter (UART)
1998 Sep 04
3
ORDERING INFORMATION
COMMERCIAL
INDUSTRIAL
PACKAGES
VCC = +5V +10%,
TA = 0°C to +70°C
VCC = +5V +10%,
TA = –40°C to +85°C
DWG #
24-Pin Plastic Dual In-Line Package (DIP)
SCC2691AC1N24
SCC2691AE1N24
SOT222–1
28-Pin Plastic Leaded Chip Carrier (PLCC) Package
SCC2691AC1A28
SCC2691AE1A28
SOT261-3
24-Pin Plastic Small Outline Large (SOL) Package
SCC2691AC1D24
SOT137-1
BLOCK DIAGRAM
8
D0–D7
RDN
WRN
CEN
A0–A2
RESET
INTRN
X1/CLK
X2
TIMING
CONTROL
INTERNAL DATA
BUS
3
BUS BUFFER
OPERATION CONTROL
ADDRESS
DECODE
R/W CONTROL
INTERRUPT CONTROL
IMR
ISR
TIMING
BAUD RATE
GENERATOR
CLOCK
SELECTORS
COUNTER/
TIMER
CRYSTAL
OSCILLATOR
POWER DOWN
LOGIC
CSR
ACR
CTUR
CTLR
CHANNEL A
TRANSMIT
HOLDING REG
TRANSMIT
SHIFT REGISTER
RECEIVE
HOLDING REG (3)
RECEIVE
SHIFT REGISTER
MR1, 2
CR
SR
INPUT PIN
CHANGE OF
STATE
DETECTOR
OUTPUT PIN
FUNCTION
SELECT LOGIC
ACR
TxD
RxD
MPI
MPO
VCC
GND
SD00123
Figure 2. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com