Electronic Components Datasheet Search
  English  ▼

X  

RB201 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # RB201
Description  2.0A SINGLE-PHASE BRIDGE RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RB201 Datasheet(HTML) 1 Page - Won-Top Electronics

  RB201 Datasheet HTML 1Page - Won-Top Electronics RB201 Datasheet HTML 2Page - Won-Top Electronics RB201 Datasheet HTML 3Page - Won-Top Electronics RB201 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RB200 – RB2010
1 of 4
© 2006 Won-Top Electronics
Pb
RB200 – RB2010
2.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
!
Ideal for Printed Circuit Boards
+
~
~
-
!
Recognized File # E157705
                       
C
D
Mechanical Data
!
Case: RB-20, Molded Plastic
E
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
~
!
Polarity: As Marked on Body
!
Weight: 1.1 grams (approx.)
-
!
Mounting Position: Any
+
!
Marking: Type Number
G
!
Lead Free: For RoHS / Lead Free Version,
G
~
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
RB200
RB201
RB202
RB204
RB206
RB208 RB2010
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TA = 50°C
(Note 1)
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage (per element)
@IF = 2.0A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Operating Temperature Range
Tj
-55 to +125
°C
Storage Temperature Range
TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
WTE
POWER SEMICONDUCTORS
RB-20
Dim
Min
Max
A
8.60
9.40
B
6.90
7.40
C
27.9
—
D
25.4
—
E
0.71
0.81
G
4.60
5.60
All Dimensions in mm


Similar Part No. - RB201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RB201 WTE-RB201 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Leshan Radio Company
RB201 LRC-RB201 Datasheet
58Kb / 2P
2.0/3.0A RB SERIES SIP BRIDGE RECTIFIERS
logo
Pan Jit International I...
RB201 PANJIT-RB201 Datasheet
72Kb / 2P
2.0 A SILICON BRIDGE RECTIFIERS
logo
Won-Top Electronics
RB2010 WTE-RB2010 Datasheet
46Kb / 3P
2.0A BRIDGE RECTIFIER
logo
Pan Jit International I...
RB2010 PANJIT-RB2010 Datasheet
72Kb / 2P
2.0 A SILICON BRIDGE RECTIFIERS
More results

Similar Description - RB201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DBA20 SANYO-DBA20 Datasheet
42Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20 SANYO-DBF20 Datasheet
56Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20T SANYO-DBF20T Datasheet
44Kb / 2P
2.0A Single-Phase Bridge Rectifier
logo
Won-Top Electronics
GBJ2A WTE-GBJ2A Datasheet
59Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005 WTE-2W005_06 Datasheet
52Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
KBP200 WTE-KBP200_06 Datasheet
48Kb / 4P
2.0A SINGLE-PHASE BRIDGE RECTIFIER
KBP200G WTE-KBP200G_06 Datasheet
64Kb / 4P
2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBA20 SANYO-DBA20_09 Datasheet
41Kb / 2P
2.0A Single-Phase Bridge Rectifier
DBF20 SANYO-DBF20_00 Datasheet
24Kb / 3P
2.0A Single-Phase Bridge Rectifier
logo
ON Semiconductor
DBF20G ONSEMI-DBF20G Datasheet
683Kb / 2P
2.0A Single-Phase Bridge Rectifier
June, 2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com