Electronic Components Datasheet Search
  English  ▼

X  

SCN2651 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SCN2651
Description  Programmable communications interface PCI
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN2651 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SCN2651 Datasheet HTML 4Page - NXP Semiconductors SCN2651 Datasheet HTML 5Page - NXP Semiconductors SCN2651 Datasheet HTML 6Page - NXP Semiconductors SCN2651 Datasheet HTML 7Page - NXP Semiconductors SCN2651 Datasheet HTML 8Page - NXP Semiconductors SCN2651 Datasheet HTML 9Page - NXP Semiconductors SCN2651 Datasheet HTML 10Page - NXP Semiconductors SCN2651 Datasheet HTML 11Page - NXP Semiconductors SCN2651 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Philips Semiconductors
Product specification
SCN2651
Programmable communications interface (PCI)
1994 Apr 27
8
Table 5.
Mode Register 1 (MR1)
MR17
MR16
MR15
MR14
MR13
MR12
MR11
MR10
Parity Type
Parity Control
Character Length
Mode and Baud Rate Factor
Async: Stop bit length
00 = Invalid
01 = 1 Stop bit
10 = 1 1/2 Stop bits
11 = 2 Stop bits
0 = Odd
1 = Even
0 = Disabled
1 = Enabled
00 = 5 Bits
01 = 6 Bits
10 = 7 Bits
11 = 8 Bits
00 = Synchronous 1X rate
01 = Asynchronous 1X rate
10 = Asynchronous 16X rate
11 = Asynchronous 64X rate
Sync:
Number of SYN
char
0 = Double SYN
1 = Single SYN
Sync:
Transparency
control
0 = Normal
1 = Transparent
NOTE:
Baud rate factor in asynchronous applies only if external clock is selected. Factor is 16X if internal clock is selected. Mode must be selected
(MR11, MR10) in any case.
Table 6.
Mode Register 2 (MR2)
MR27
MR26
MR25
MR24
MR23
MR22
MR21
MR20
Transmitter
Clock
Receiver
Clock
Baud Rate Selection
Not used
0 = External
1 = Internal
0= External
1 = Internal
0000 = 50 Baud
1000 = 1800 Baud
0001 = 75
1001 = 2000
0010 = 110
1010 = 2400
0011 = 134.5
1011 = 3600
0100 = 150
1100 = 4800
0101 = 300
1101 = 7200
0110 = 600
1110 = 9600
0111 = 1200
1111 = 19,200
Table 7.
Command Register (CR)
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
Operating Mode
Request
to Send
Reset Error
Receive
Control
(RxEN)
Data Terminal
Ready
Transmit
Control
(TxEN)
00 = Normal operation
01 = Async: automatic
echo mode
Sync: SYN and/or DLE
stripping mode
10 = Local Loopback
11 = Remote Loopback
0 = Force RTS
output high
1 = Force RTS
output low
0 = Normal
1 = Reset
error flag
in status reg
(FE, OE,
PE/DLE
DETECT)
Async:
Force Break
0 = Normal
1 = Force
break
Sync
Send DLE
0 = Normal
1 = Send DLE
0 = Disable
1 = Enable
0 = Force DTR
output high
1 = Force DTR
output low
0 = Disable
1 = Enable
Command Register (CR)
Table 7 illustrates the command register. Bits CR0 (TxEN) and CR2
(RxEN) enable or disable the transmitter and receiver respectively.
A 0 to 1 transition of CR2 forces start bit search (async mode) or
hunt mode (sync mode) on the second RxC rising edge. Disabling
the receiver causes RxRDY to go high (inactive). If the transmitter
is disabled, it will complete the transmission of the character in the
transmit shift register (if any) prior to terminating operation. The TxD
output will then remain in the marking state (high) while TxRDY and
TxEMT will go high (inactive). If the receiver is disabled, it will
terminate operation immediately. Any character being assembled
will be neglected.
Bits CR1 (DTR) and CR5 (RTS) control the DTR and RTS outputs.
Data at the outputs is the logical complement of the register data.
In asynchronous mode, setting CR3 will force and hold the TxD
output low (spacing condition) at the end of the current transmitted
character. Normal operation resumes when CR3 is cleared. The
TxD line will go high for at least one bit time before beginning
transmission of the next character in the transmit data holding
register. In synchronous mode, setting CR3 causes the
transmission of the DLE register contents prior to sending the
character in the transmit data holding register. CR3 should be reset
in response to the next TxRDY.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com