Electronic Components Datasheet Search
  English  ▼

X  

S2DA Datasheet(PDF) 1 Page - Won-Top Electronics

Part # S2DA
Description  2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

S2DA Datasheet(HTML) 1 Page - Won-Top Electronics

  S2DA Datasheet HTML 1Page - Won-Top Electronics S2DA Datasheet HTML 2Page - Won-Top Electronics S2DA Datasheet HTML 3Page - Won-Top Electronics S2DA Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
S2AA – S2MA
1 of 4
© 2006 Won-Top Electronics
Pb
S2AA – S2MA
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
Features
!
Glass Passivated Die Construction
!
Ideally Suited for Automatic Assembly
B
!
Low Forward Voltage Drop
!
Surge Overload Rating to 60A Peak
D
!
Low Power Loss
A
!
Built-in Strain Relief
F
!
Plastic Case Material has UL Flammability
Classification Rating 94V-O
C
H
G
                             E
Mechanical Data
!
Case: SMA/DO-214AC, Molded Plastic
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Characteristic
Symbol
S2AA
S2BA
S2DA
S2GA
S2JA
S2KA
S2MA
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@TL = 110°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage
@IF = 2.0A
VFM
1.10
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
200
µA
Reverse Recovery Time (Note 1)
trr
2.5
µS
Typical Junction Capacitance (Note 2)
Cj
30
pF
Typical Thermal Resistance (Note 3)
RJL
16
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A,
2. Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
3. Mounted on P.C. Board with 8.0mm2 land area.
WTE
POWER SEMICONDUCTORS
SMA/DO-214AC
Dim
Min
Max
A
2.50
2.90
B
4.00
4.60
C
1.20
1.60
D
0.152
0.305
E
4.80
5.28
F
2.00
2.44
G
0.051
0.203
H
0.76
1.52
All Dimensions in mm


Similar Part No. - S2DA

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
S2DA SSE-S2DA Datasheet
16Kb / 1P
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
S2DA DIODES-S2DA Datasheet
47Kb / 2P
1.5A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
DS16004 Rev. 7 - 2
logo
Taiwan Semiconductor Co...
S2DA TSC-S2DA Datasheet
51Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
S2DA TSC-S2DA Datasheet
133Kb / 2P
1.5 AMPS. Surface Mount Rectifiers
logo
Galaxy Semi-Conductor H...
S2DA BILIN-S2DA Datasheet
75Kb / 2P
SURFACE MOUNT RECTIFIER
More results

Similar Description - S2DA

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ER2A WTE-ER2A_06 Datasheet
54Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ER2AA WTE-ER2AA Datasheet
54Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
S2A WTE-S2A_06 Datasheet
46Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
UF2A WTE-UF2A_06 Datasheet
56Kb / 4P
2.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
logo
Zibo Seno Electronic En...
RS2ABF ZSELEC-RS2ABF Datasheet
109Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY DIODE
ER2A ZSELEC-ER2A Datasheet
121Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2A ZSELEC-ES2A Datasheet
121Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2ABF ZSELEC-ES2ABF Datasheet
107Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES2AF ZSELEC-ES2AF Datasheet
108Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
SMBYW02-50 ZSELEC-SMBYW02-50 Datasheet
110Kb / 2P
2.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com