Electronic Components Datasheet Search
  English  ▼

X  

RKBPC1502W Datasheet(PDF) 1 Page - Won-Top Electronics

Part # RKBPC1502W
Description  10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RKBPC1502W Datasheet(HTML) 1 Page - Won-Top Electronics

  RKBPC1502W Datasheet HTML 1Page - Won-Top Electronics RKBPC1502W Datasheet HTML 2Page - Won-Top Electronics RKBPC1502W Datasheet HTML 3Page - Won-Top Electronics RKBPC1502W Datasheet HTML 4Page - Won-Top Electronics RKBPC1502W Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RKBPC10, 15, 25, 35 SERIES
1 of 5
© 2006 Won-Top Electronics
Pb
RKBPC10, 15, 25, 35 SERIES
10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
A
A
!
Low Reverse Leakage Current
C
C
!
Low Power Loss, High Efficiency
G
G
!
Electrically Isolated Epoxy Case for
~
~
+
Maximum Heat Dissipation
D
+
C
C
!
Case to Terminal Isolation Voltage 2500V
-
~
-
~
D
!
Recognized File # E157705
                  
H
H
Mechanical Data
E
E
!
Case: Molded Plastic with Heatsink, Available
B
B
in Both Low Profile and Standard Case
!
Terminals: Plated Faston Lugs or Wire Leads,
Add “W” Suffix to Indicate Wire Leads
!
Polarity: As Marked on Case
!
Mounting: Through Hole with #10 Screw
!
Mounting Torque: 23 cm-kg (20 in-lbs) Max.
!
Weight: 21 grams (RKBPC); 18 grams (RKBPC-W)
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 5
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
RKBPC10, 15, 25, 35
Characteristics
Symbol
00
01
02
04
06
08
10
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectifier Output Current
@TC = 50°C
RKBPC10
RKBPC15
RKBPC25
RKBPC35
IO
10
15
25
35
A
Non-Repetitive Peak Forward Surge
Current 8.3ms single half sine-wave
Superimposed on rated load
(JEDEC Method)
RKBPC10
RKBPC15
RKBPC25
RKBPC35
IFSM
200
300
300
400
A
Forward Voltage Drop
per leg
RKBPC10 @IF = 5.0A
RKBPC15 @IF = 7.5A
RKBPC25 @IF = 12.5A
RKBPC35 @IF = 17.5A
VFM
1.3
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
500
µA
Reverse Recovery Time (Note 1)
trr
150
250
500
nS
WTE
POWER SEMICONDUCTORS
RKBPC
Low Profile / Standard
RKBPC-W
Low Profile / Standard
Dim
Min
Max
Min
Max
A
28.40
28.70
28.40
28.70
B
7.50 / 10.97
8.50 / 11.23
7.50 / 10.97
8.50 / 11.23
C
15.70
16.70
17.10
19.10
D
17.50
18.50
10.90
11.90
E
22.50 / 22.86
23.50 / 25.40
30.50
—
G
Hole for #10 screw, 5.08Ø Nominal
H
6.35 Typical
0.97Ø
1.07Ø
All Dimension in mm
RKBPC
RKBPC-W


Similar Part No. - RKBPC1502W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RKBPC1502W WTE-RKBPC1502W Datasheet
56Kb / 4P
10,15,25,35A FAST RECOVERY BRIDGE RECTIFIER
More results

Similar Description - RKBPC1502W

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MT25 WTE-MT25 Datasheet
70Kb / 6P
25, 35A THREE PHASE BRIDGE RECTIFIER
KBPC35 WTE-KBPC35 Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
KBPC35P WTE-KBPC35P Datasheet
55Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
KBPC35S WTE-KBPC35S Datasheet
66Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA267A SSDI-SDA267A Datasheet
144Kb / 2P
FAST RECOVERY SINGLE PHASE BRIDGE RECTIFIER
logo
Nell Semiconductor Co.,...
KBJ35 NELLSEMI-KBJ35 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 35A
KBPC35 NELLSEMI-KBPC35 Datasheet
1Mb / 3P
Single-Phase Bridge Rectifier, 35A
MP35S NELLSEMI-MP35S Datasheet
268Kb / 3P
Single-Phase Bridge Rectifier, 35A
logo
Nanjing International G...
KBPC3500 DGNJDZ-KBPC3500 Datasheet
45Kb / 2P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
GBJ3503SF YFWDIODE-GBJ3503SF Datasheet
710Kb / 3P
35A Super Fast Recovery Rectifier Bridge
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com