Electronic Components Datasheet Search
  English  ▼

X  

RKBPC1504 Datasheet(PDF) 5 Page - Won-Top Electronics

Part # RKBPC1504
Description  10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RKBPC1504 Datasheet(HTML) 5 Page - Won-Top Electronics

  RKBPC1504 Datasheet HTML 1Page - Won-Top Electronics RKBPC1504 Datasheet HTML 2Page - Won-Top Electronics RKBPC1504 Datasheet HTML 3Page - Won-Top Electronics RKBPC1504 Datasheet HTML 4Page - Won-Top Electronics RKBPC1504 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RKBPC10, 15, 25, 35 SERIES
5 of 5
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
RKBPCxx00
Square Bridge
50 Units/Box
RKBPCxx00W
Square Bridge
50 Units/Box
RKBPCxx01
Square Bridge
50 Units/Box
RKBPCxx01W
Square Bridge
50 Units/Box
RKBPCxx02
Square Bridge
50 Units/Box
RKBPCxx02W
Square Bridge
50 Units/Box
RKBPCxx04
Square Bridge
50 Units/Box
RKBPCxx04W
Square Bridge
50 Units/Box
RKBPCxx06
Square Bridge
50 Units/Box
RKBPCxx06W
Square Bridge
50 Units/Box
RKBPCxx08
Square Bridge
50 Units/Box
RKBPCxx08W
Square Bridge
50 Units/Box
RKBPCxx10
Square Bridge
50 Units/Box
RKBPCxx10W
Square Bridge
50 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, RKBPC1000-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com