Electronic Components Datasheet Search
  English  ▼

X  

25499/19 Datasheet(PDF) 2 Page - Alpha Wire

Part # 25499/19
Description  24 (7/32) AWG Tinned Copper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

25499/19 Datasheet(HTML) 2 Page - Alpha Wire

  25499/19 Datasheet HTML 1Page - Alpha Wire 25499/19 Datasheet HTML 2Page - Alpha Wire 25499/19 Datasheet HTML 3Page - Alpha Wire 25499/19 Datasheet HTML 4Page - Alpha Wire 25499/19 Datasheet HTML 5Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
 
Diameters (In)
1) Component 1
19 X 1 PAIR
 
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.010" Wall, Nom. PVC, Semi Rigid
0.044
(1) Color Code
Alpha Wire Color Code B
Pair Color
Pair Color
Pair Color
1
WHITE-
BLACK
8
WHITE-
VIOLET
15
BLACK-
BLUE
2
WHITE-
BROWN
9
WHITE-
SLATE
16
BLACK-
VIOLET
3
WHITE-RED 10
BLACK-
BROWN
17
BLACK-
SLATE
4
WHITE-
ORANGE
11
BLACK-RED 18
BROWN-
RED
5
WHITE-
YELLOW
12
BLACK-
ORANGE
19
BROWN-
ORANGE
6
WHITE-
GREEN
13
BLACK-
YELLOW
 
7
WHITE-
BLUE
14
BLACK-
GREEN
 
c) Pair
2/Cond Cabled Together
 
(1) Twists:
9.6 Twists/foot (min)
 
2) Cable Assembly
19 Components Cabled
 
a) Twists:
2.3 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 20% Overlap, Min.
 
3) Shield:
Alum/Mylar Tape, 20% Overlap, Min.
 
a) Foil Direction
Foil Facing In
 
b) Drain Wire
24 (7/32) AWG Tinned Copper
 
4) Jacket
0.032" Wall, Nom.,Polyurethane (TPU)
0.433 (0.458 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 25499/19
XTRAGUARD(R) 2 RU AWM 20668 VW-1 OR CRU
AWM I/II A/B 90C 300 VOLTS FT1 CE
ROHS (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications
1) UL
 
 
a) Component 1
AWM/STYLE 10002
105°C / 300 VRMS
b) Overall
AWM/STYLE 20668
90°C / 300 VRMS
 
VW-1
 
2) CSA International
AWM I/II A/B
90°C / 300 VRMS
 
FT1
 
3) CE:
EU Low Voltage Directive 2014/35/EU



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com