Electronic Components Datasheet Search
  English  ▼

X  

5413 Datasheet(PDF) 1 Page - Alpha Wire

Part # 5413
Description  20 (10/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5413 Datasheet(HTML) 1 Page - Alpha Wire

  5413 Datasheet HTML 1Page - Alpha Wire 5413 Datasheet HTML 2Page - Alpha Wire 5413 Datasheet HTML 3Page - Alpha Wire 5413 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 5413
Construction
 
Diameters (In)
1) Component 1
3 X 1 COND
 
a) Conductor
20 (10/30) AWG Tinned Copper
0.037
b) Insulation
0.0325" Wall, Nom. PVC
0.102
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
2
BROWN
3
RED
2) Cable Assembly
3 Components Cabled
 
a) Twists:
3.7 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 25% Overlap, Min.
 
3) Jacket
0.063" Wall, Nom.,PVC
0.350 (0.368 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5413 3C 20 AWG
XTRAGUARD(R) 1 (UL) MTW 600V OR AWM 2501 105C
600V OR AWM 20811 105C 600V VW-1
OR CRU AWM I/II A/B 105C 600V
FT4 CE ROHS SUNLIGHT RESISTANT
OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 5413

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5413 POMONA-5413 Datasheet
25Kb / 1P
14 Pin SOIC Clip Test Clip
logo
3M Electronics
5413 3M-5413 Datasheet
23Kb / 2P
A tape consisting of a Kapton® polyimide film and silicone adhesive designed for high temperature applications.
Jun-1995
logo
Heyco.
5413 HEYCO-5413 Datasheet
380Kb / 2P
Full Thickness Male Blades
logo
Christian Bürkert GmbH ...
5413 BURKERT-5413 Datasheet
1Mb / 14P
4/2 way solenoid valve for pneumatic applica-tions
15.02.2022
logo
Belden Inc.
5413 BELDEN-5413 Datasheet
373Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
More results

Similar Description - 5413

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1344170 ETC2-1344170 Datasheet
98Kb / 3P
20 AWG stranded (7x28) tinned copper conductors
1347330 ETC2-1347330 Datasheet
99Kb / 3P
20 AWG stranded (19x33) .035 tinned copper conductor
28383 ETC2-28383 Datasheet
33Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
20 AWG pairs stranded (19x32) tinned copper conductors
1351711 ETC2-1351711 Datasheet
99Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
9892 ETC2-9892 Datasheet
104Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, Datalene짰 insulation
9272 ETC2-9272 Datasheet
101Kb / 3P
20 AWG stranded (7x28) .038 tinned copper conductors, polyethylene insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com