Electronic Components Datasheet Search
  English  ▼

X  

5547 Datasheet(PDF) 1 Page - Alpha Wire

Part # 5547
Description  14 (41/30) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

5547 Datasheet(HTML) 1 Page - Alpha Wire

  5547 Datasheet HTML 1Page - Alpha Wire 5547 Datasheet HTML 2Page - Alpha Wire 5547 Datasheet HTML 3Page - Alpha Wire 5547 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 5547
Construction
 
Diameters (In)
1) Component 1
7 X 1 COND
 
a) Conductor
14 (41/30) AWG Tinned Copper
0.073
b) Insulation
0.032" Wall, Nom. PVC
0.137
(1) Color Code
Alpha Wire Color Code E
Cond
Color
Cond
Color
Cond
Color
1
BLACK
4
ORANGE
7
BLUE
2
BROWN
5
YELLOW
 
3
RED
6
GREEN
 
2) Cable Assembly
7 Components Cabled
 
a) Twists:
2.0 Twists/foot (min)
 
b) Orientation:
Components to be arranged from INSIDE LAYER to
OUTSIDE LAYER
 
c) Core Wrap
Nonwoven Polyester Tape, 20% Overlap, Min.
 
3) Shield:
A/P/A Tape, 20% Overlap, Min.
 
a) Drain Wire
14 (41/30) AWG Tinned Copper
 
b) Braid
Tinned Copper,70% Coverage, Nom.
 
4) Jacket
0.063" Wall, Nom.,PVC
0.570 (0.594 Max.)
a) Color(s)
Slate, Black, Yellow, Orange, Blue, Green, Red, Sand Beige,
White
b) Ripcord
1 End 810 Denier Nylon
 
c) Print
ALPHA WIRE-* P/N 5547 7C 14 AWG
XTRAGUARD(R) 1 (UL) MTW 600V OR AWM 2501 105C
600V OR AWM 20811 105C 600V VW-1
OR CRU AWM I/II A/B 105C 600V
FT4 CE ROHS SUNLIGHT RESISTANT
OIL RESISTANT (SEQ FOOTAGE)
* = Factory Code
Applicable Specifications


Similar Part No. - 5547

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5547 POMONA-5547 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
5547-48-0 POMONA-5547-48-0 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
5547-48-2 POMONA-5547-48-2 Datasheet
22Kb / 1P
Pop Jack Plug To Multimeter Plug Lead
logo
Klein Tools, Inc.
55470 KLEIN-55470 Datasheet
229Kb / 1P
Stand-Up Zip-up Bags
logo
Alpha Wire
55470/12 ALPHAWIRE-55470/12 Datasheet
98Kb / 4P
Customer Specification
12/2/2022
More results

Similar Description - 5547

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1682714 ETC2-1682714 Datasheet
104Kb / 3P
14 AWG stranded (41x30) tinned copper conductor, PPO insulation
8916 ETC2-8916 Datasheet
99Kb / 2P
14 AWG stranded (41x30) tinned copper conductor, PVC insulation
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com