Electronic Components Datasheet Search
  English  ▼

X  

RKBPC2500W Datasheet(PDF) 2 Page - Won-Top Electronics

Part # RKBPC2500W
Description  10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RKBPC2500W Datasheet(HTML) 2 Page - Won-Top Electronics

  RKBPC2500W Datasheet HTML 1Page - Won-Top Electronics RKBPC2500W Datasheet HTML 2Page - Won-Top Electronics RKBPC2500W Datasheet HTML 3Page - Won-Top Electronics RKBPC2500W Datasheet HTML 4Page - Won-Top Electronics RKBPC2500W Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
RKBPC10, 15, 25, 35 SERIES
2 of 5
© 2006 Won-Top Electronics
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
I2t Rating for Fusing (t < 8.3ms)
RKBPC10
RKBPC15
RKBPC25
RKBPC35
I2t
166
373
373
664
A2s
Typical Junction Capacitance per leg
(Note 2)
RKBPC10
RKBPC15
RKBPC25
RKBPC35
Cj
200
200
300
400
pF
Typical Thermal Resistance per leg
(Note 3)
RKBPC10
RKBPC15
RKBPC25
RKBPC35
RJC
3.0
2.6
2.6
2.1
°C/W
RMS Isolation Voltage from Case to Lead
VISO
2500
V
Operating and Storage Temperature Range
Tj, TSTG
-65 to +125
°C
Note: 1. Measured at IF = 0.5A, IR = 1.0A, IRR = 0.25A.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal resistance junction to case, mounted on heatsink.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com