Electronic Components Datasheet Search
  English  ▼

X  

RKBPC3504 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # RKBPC3504
Description  10, 15, 25, 35A FAST RECOVERY SINGLE-PHASE BRIDGE RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

RKBPC3504 Datasheet(HTML) 4 Page - Won-Top Electronics

  RKBPC3504 Datasheet HTML 1Page - Won-Top Electronics RKBPC3504 Datasheet HTML 2Page - Won-Top Electronics RKBPC3504 Datasheet HTML 3Page - Won-Top Electronics RKBPC3504 Datasheet HTML 4Page - Won-Top Electronics RKBPC3504 Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RKBPC10, 15, 25, 35 SERIES
4 of 5
© 2006 Won-Top Electronics
MARKING INFORMATION
PACKAGING INFORMATION
Case Style
Inner Box Size
L x W x H (mm)
Quantity
(PCS)
Carton Size
L x W x H (mm)
Quantity
(PCS)
Approx. Gross Weight
(KG)
RKBPC
195 x 195 x 40
50
405 x 205 x 240
500
12.0
RKBPC-W
195 x 195 x 40
50
405 x 205 x 240
500
11.0
Note: 1. Paper box, white or brown color.
BULK
+ WTE
RKBPCxxyyW
AC
RKBPC
+ WTE
RKBPCxxyy
AC
RKBPC-W
WTE
= Manufacturer’s Logo
RKBPCxxyyW
= Device Number
xx
= 10, 15, 25 or 35
yy
= 00, 01, 02, 04, 06, 08 or 10
Polarity
= As Marked on Body
WTE
= Manufacturer’s Logo
RKBPCxxyy
= Device Number
xx
= 10, 15, 25 or 35
yy
= 00, 01, 02, 04, 06, 08 or 10
Polarity
= As Marked on Body



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com