Electronic Components Datasheet Search
  English  ▼

X  

SB820FCT Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SB820FCT
Description  8.0A DUAL SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SB820FCT Datasheet(HTML) 2 Page - Won-Top Electronics

  SB820FCT Datasheet HTML 1Page - Won-Top Electronics SB820FCT Datasheet HTML 2Page - Won-Top Electronics SB820FCT Datasheet HTML 3Page - Won-Top Electronics SB820FCT Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SB820FCT – SB8100FCT
2 of 4
© 2006 Won-Top Electronics
0
2
4
6
8
10
10
40
60
80
100
120
140150
T , CASE TEMPERATURE (º C)
Fig. 1 Forward Current Derating Curve
C
Single Pulse Half-Wave
60 Hz Resistive or Inductive Load
100
1000
2000
0.1
1.0
10
100
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Junction Capacitance
R
T = 25ºC
j
f = 1MHz
0
30
60
90
120
150
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
8.3ms Single Half Sine-Wave
JEDEC Method
1
10
20
40
0
0.5
1.0
1.5
2.0
2.5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
820FCT - 845FCT
850FCT - 860FCT
880FCT - 8100FCT
T = 25ºC
Pulse Width = 300 s
2% Duty Cycle
j
µ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com