Electronic Components Datasheet Search
  English  ▼

X  

SA20 Datasheet(PDF) 2 Page - Won-Top Electronics

Part # SA20
Description  500W TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SA20 Datasheet(HTML) 2 Page - Won-Top Electronics

  SA20 Datasheet HTML 1Page - Won-Top Electronics SA20 Datasheet HTML 2Page - Won-Top Electronics SA20 Datasheet HTML 3Page - Won-Top Electronics SA20 Datasheet HTML 4Page - Won-Top Electronics SA20 Datasheet HTML 5Page - Won-Top Electronics SA20 Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SA5.0 – SA170CA
2 of 6
© 2006 Won-Top Electronics
10 X 1000 Waveform
as defined by REA
0
25
50
75
100
125
150 175
200
100
75
50
25
0
T , AMBIENT TEMPERATURE (°C)
Fig. 4 Pulse Derating Curve
A
L = 9.5 mm
40x40x1mmCu
0
25
50
75
100
125
150
175
200
0
0.25
0.50
0.75
1.00
T , LEAD TEMPERATURE (°C)
Fig. 5, Steady State Power Derating
L
Single Phase
Half-Wave 60Hz
Resistive or
Inductive Load
0.1
1.0
T , PULSE WIDTH (µs)
Fig. 3 Pulse Rating Curve
p
0.1
10
100
1.0
10
100
1000
10000
IMPULSE
T = 25°C
C
01
2
3
100
50
0
t = 10ms
r
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 1 Pulse Waveform
1
10
100
1000
10
100
1000
10,000
V
, REVERSE STANDOFF VOLTAGE (V)
Fig. 2 Typical Junction Capacitance
RWM
Measured at
Stand-off Voltage
Measured at
Zero Bias
T = 25°C
j
f = 1.0 MHz
V
= 50mV p-p
sig



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com