Electronic Components Datasheet Search
  English  ▼

X  

SCN68681 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCN68681
Description  Dual asynchronous receiver/transmitter DUART
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68681 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCN68681 Datasheet HTML 1Page - NXP Semiconductors SCN68681 Datasheet HTML 2Page - NXP Semiconductors SCN68681 Datasheet HTML 3Page - NXP Semiconductors SCN68681 Datasheet HTML 4Page - NXP Semiconductors SCN68681 Datasheet HTML 5Page - NXP Semiconductors SCN68681 Datasheet HTML 6Page - NXP Semiconductors SCN68681 Datasheet HTML 7Page - NXP Semiconductors SCN68681 Datasheet HTML 8Page - NXP Semiconductors SCN68681 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Philips Semiconductors
Product specification
SCN68681
Dual asynchronous receiver/transmitter (DUART)
2
1998 Sep 04
853–1083 19970
DESCRIPTION
The Philips Semiconductors SCN68681 Dual Universal
Asynchronous Receiver/Transmitter (DUART) is a single-chip
MOS-LSI communications device that provides two independent
full-duplex asynchronous receiver/transmitter channels in a single
package. It is compatible with other S68000 family devices, and can
also interface easily with other microprocessors. The DUART can
be used in polled or interrupt driven systems.
The operating mode and data format of each channel can be
programmed independently. Additionally, each receiver and
transmitter can select its operating speed as one of eighteen fixed
baud rates, a 16X clock derived from a programmable counter/timer,
or an external 1X or 16X clock. The baud rate generator and
counter/timer can operate directly from a crystal or from external
clock inputs. The ability to independently program the operating
speed of the receiver and transmitter make the DUART particularly
attractive for dual-speed channel applications such as clustered
terminal systems.
Each receiver is quadruply buffered to minimize the potential of
receiver overrun or to reduce interrupt overhead in interrupt driven
systems. In addition, a flow control capability is provided to disable
a remote DUART transmitter when the buffer of the receiving device
is full.
Also provided on the SCN68681 are a multipurpose 6-bit input port
and a multipurpose 8-bit output port. These can be used as general
purpose I/O ports or can be assigned specific functions (such as
clock inputs or status/interrupt outputs) under program control.
FEATURES
• S68000 bus compatible
• Dual full-duplex asynchronous receiver/transmitter
• Quadruple buffered receiver data registers
• Programmable data format
– 5 to 8 data bits plus parity
– Odd, even, no parity or force parity
– 1, 1.5 or 2 stop bits programmable in 1/16-bit increments
• Programmable baud rate for each receiver and transmitter
selectable from:
– 22 fixed rates: 50 to 115.2k baud
– Non-standard rates to 115.2kb
– Non-standard user-defined rate derived from programmable
counter/timer
– External 1X or 16X clock
• 16-bit programmable Counter/Timer
• Parity, framing, and overrun error detection
• False start bit detection
• Line break detection and generation
• Programmable channel mode
– Normal (full-duplex)
– Automatic echo
– Local loopback
– Remote loopback
• Multi-function programmable 16-bit counter/timer
• Multi-function 6-bit input port
– Can serve as clock or control inputs
– Change-of-state detection on four inputs
– 100k
Ω typical pull-up resistors
• Multi-function 8-bit output port
– Individual bit set/reset capability
– Outputs can be programmed to be status/interrupt signals
• Versatile interrupt system
– Single interrupt output with eight maskable interrupting
conditions
– Interrupt vector output on interrupt acknowledge
– Output port can be configured to provide a total of up to six
separate wire-ORable interrupt outputs
• Maximum data transfer rates:
1X - 1MB/sec, 16X - 125kB/sec
• Automatic wake-up mode for multidrop applications
• Start-end break interrupt/status
• Detects break which originates in the middle of a character
• On-chip crystal oscillator
• Single +5V power supply
• Commercial and industrial temperature ranges available
• DIP and PLCC packages
ORDERING INFORMATION
COMMERCIAL
INDUSTRIAL
DESCRIPTION
VCC = +5V +5%,
TA = 0°C to +70°C
VCC = +5V +10%,
TA = 40°C to +85°C
DWG #
40-Pin Ceramic Dual In-Line Package (cerdip)
Not available
SCN68681E1F40
0590B
40-Pin Plastic Dual In-Line Package (DIP)
SCN68681C1N40
SCN68681E1N40
SOT129-1
44-Pin Plastic Leaded Chip Carrier (PLCC)
SCN68681C1A44
SCN68681E1A44
SOT187-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com