Electronic Components Datasheet Search
  English  ▼

X  

TP5100R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TP5100R
Description  UNI AND TRI-COLOUR ILLUMINATED SWITCH
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TP5100R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TP5100R Datasheet HTML 1Page - List of Unclassifed Manufacturers TP5100R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ILLUMINATED SWITCHES
TP 5100: UNI AND TRI-COLOUR ILLUMINATED SWITCH
Electrical
Rating
12V DC 100mA
Contact Resistance
100mΩ max
Insulation Resistance
100MΩ min @ 100V DC
Dielectric Strength
250V AC for 1 minute
Mechanical
Operating Life
1 million operations
Operating Temp
-10˚C to +50˚C
Operating Force
2.0N +/- 0.1N
Electrical Performance – LED
VR (Peak Reverse Voltage)
12 VDC
IFM (Max Forward Current)
50mA max
VF (Forward Voltage)
Red = 3.9 VDC
Green = 4.2 VDC
Yellow = 4.0 VDC
IF (Rec Operating Current)
30mA
FEATURES
•
•
•
•
•
17.6mm square keytop, momentary action
Full surface illumination with dimple buttons
Choice of single colour (red, green, yellow) LED illumination
Optional programmable tri-colour LED illumination
PCB mounting (2.5mm pitch) and panel mount options
DESCRIPTION
The TP 5100 series is a range of very high performance LED illuminated pushbutton key switches,
designed and constructed for medium current PCB mounting applications. The switch consists of an LED
built into the keycap unit and a switch body using gold over silver-clad electrical contacts.
SPECIFICATIONS
ORDERING INFORMATION
TP
Series Code
Lens Dimensions
5
17.6mm
Mounting
100
PCB Mounting
LED Colour
R
Red
Y
Yellow
G
Green
M
Tri-Colour
5
100 M
Telephone 01256 467367
email sales@devlincomponents.co.uk
Website www.devlincomponents.co.uk


Similar Part No. - TP5100R

ManufacturerPart #DatasheetDescription
logo
Billiton Ltd.
TP5100 ASIC-TP5100 Datasheet
1Mb / 15P
2 A switch down 8.4 V / 4.2 V battery battery charging chip
More results

Similar Description - TP5100R

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1910X004 CML-1910X004 Datasheet
386Kb / 1P
LED Indicator 8mm Superflat Bezel Tri-Colour LED
1910XX54 CML-1910XX54 Datasheet
440Kb / 1P
LED Indicator 8mm Superflat Bezel Tri-Colour LED
1912X004 CML-1912X004 Datasheet
387Kb / 1P
LED Indicator 8mm Superflat Bezel Tri-Colour LED
1913X004 CML-1913X004 Datasheet
389Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel Tri-Colour LED
1924X004 CML-1924X004 Datasheet
360Kb / 1P
LED Indicator 14mm Standard Tri-Colour
1924XX54 CML-1924XX54 Datasheet
438Kb / 1P
LED Indicator 14mm Standard Bezel Tri-Colour LED
19590X54 CML-19590X54 Datasheet
425Kb / 1P
LED Indicator 5mm For Flush Mounting Tri-Colour LED
19591X54 CML-19591X54 Datasheet
424Kb / 1P
LED Indicator 5mm For Flush Mounting Tri-Colour LED
19592X54 CML-19592X54 Datasheet
424Kb / 1P
LED Indicator 5mm For Flush Mounting Tri-Colour LED
logo
Bedford Opto Technology...
BG1500 BOT-BG1500 Datasheet
36Kb / 2P
LED BARGRAPH TRI-COLOUR 5 ELEMENT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com