Electronic Components Datasheet Search
  English  ▼

X  

IRLR3715Z Datasheet(PDF) 9 Page - International Rectifier

Part # IRLR3715Z
Description  HEXFET Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLR3715Z Datasheet(HTML) 9 Page - International Rectifier

Back Button IRLR3715Z Datasheet HTML 3Page - International Rectifier IRLR3715Z Datasheet HTML 4Page - International Rectifier IRLR3715Z Datasheet HTML 5Page - International Rectifier IRLR3715Z Datasheet HTML 6Page - International Rectifier IRLR3715Z Datasheet HTML 7Page - International Rectifier IRLR3715Z Datasheet HTML 8Page - International Rectifier IRLR3715Z Datasheet HTML 9Page - International Rectifier IRLR3715Z Datasheet HTML 10Page - International Rectifier IRLR3715Z Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
IRLR/U3715Z
www.irf.com
9
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
D-Pak (TO-252AA) Part Marking Information
6.73 (.265)
6.35 (.250)
- A -
4
1
2
3
6.22 (.245)
5.97 (.235)
- B -
3X
0.89 (.035)
0.64 (.025)
0.25 (.010)
M A M B
4.57 (.180)
2.28 (.090)
2X
1.14 (.045)
0.76 (.030)
1.52 (.060)
1.15 (.045)
1.02 (.040)
1.64 (.025)
5.46 (.215)
5.21 (.205)
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1.14 (.045)
0.89 (.035)
0.58 (.023)
0.46 (.018)
6.45 (.245)
5.68 (.224)
0.51 (.020)
MIN.
0.58 (.023)
0.46 (.018)
LEAD ASSIGNMENTS
1 - GATE
2 - DRAIN
3 - SOURCE
4 - DRAIN
10.42 (.410)
9.40 (.370)
NOTES:
1 DIMENSIONING & TOLERANCING PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 CONFORMS TO JEDEC OUTLINE TO-252AA.
4 DIMENSIONS SHOWN ARE BEFORE SOLDER DIP,
SOLDER DIP MAX. +0.16 (.006).
EXAMPLE:
LOT CODE 9U1P
THIS IS AN IRFR120
WITH ASSEMBLY
WEEK = 16
DATE CODE
YEAR = 0
LOGO
RECTIFIER
INTERNATIONAL
ASSEMBLY
LOT CODE
016
IRFU120
9U
1P
Notes: This part marking information applies to devices produced before 02/26/2001
INTERNATIONAL
LOGO
RECTIFIER
34
12
IRFU120
916A
LOT CODE
ASSEMBLY
EXAMPLE:
WITH ASSEMBLY
THIS IS AN IRFR120
YEAR 9 = 1999
DATE CODE
LINE A
WEEK 16
IN THE ASSEMBLY LINE "A"
ASSEMBLED ON WW 16, 1999
LOT CODE 1234
PART NUMBER
Notes: This part marking information applies to devices produced after 02/26/2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com