Electronic Components Datasheet Search
  English  ▼

X  

TSL218 Datasheet(PDF) 2 Page - Texas Instruments

Part # TSL218
Description  512 횞 1 PIXEL LINEAR ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSL218 Datasheet(HTML) 2 Page - Texas Instruments

  TSL218 Datasheet HTML 1Page - Texas Instruments TSL218 Datasheet HTML 2Page - Texas Instruments TSL218 Datasheet HTML 3Page - Texas Instruments TSL218 Datasheet HTML 4Page - Texas Instruments TSL218 Datasheet HTML 5Page - Texas Instruments TSL218 Datasheet HTML 6Page - Texas Instruments TSL218 Datasheet HTML 7Page - Texas Instruments TSL218 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TSL218
512
× 1 PIXEL LINEAR ARRAY
SOES014B – AUGUST 1994 – REVISED NOVEMBER 1995
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
Hold
and
Sample
1,7
VDD
2
3
SI
CLK
SO
6
AO
4
RL
(internal load)
Buffer
Output
Node
Sense
Amplifier
Differential
Generator
Reference
Dark-Pixel
Generator
Clock
512-Bit Shift Register
Q512
Q3
Q2
Q1
S512
S3
S2
S1
Reset
Nonoverlapping
Clock Generator
Pixel Selector Switch
512 Pixels
3
2
1
Pixel
Buffer
Pixel
Buffer
5
GND
Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
DESCRIPTION
AO
4
Analog output
CLK
3
Clock. The clock controls charge transfer, pixel output, and reset.
GND
5
Ground (substrate). All voltages are referenced to the substrate.
SI
2
Serial input. SI defines the start of the data-out sequence.
SO
6
Serial output. SO signals the end of the data-out sequence.
VDD
1, 7
Supply voltage for both analog and digital circuits
detailed description
sensor elements
The line of sensor elements, called pixels, consists of 512 discrete photosensing areas. Light energy striking
a pixel generates electron-hole pairs in the region under the pixel. The field generated by the bias on the pixel
causes the electrons to collect in the element while the holes are swept into the substrate. The amount of charge
accumulated in each element is directly proportional to the amount of incident light and the integration time.
device operation
Operation of the 512
× 1 array sensor is a function of two time periods—an integration period during which
a charge is accumulated in the pixels and an output period during which signals are transferred to the output.
The integration period is defined by the interval between the externally supplied SI pulses and includes the
output period (see Figure 1). The required length of the integration period depends on the amount of incident
light and the desired output-signal level.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com