Electronic Components Datasheet Search
  English  ▼

X  

6311 Datasheet(PDF) 1 Page - Alpha Wire

Part # 6311
Description  24 (7/32) AWG Tinned Copper
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

6311 Datasheet(HTML) 1 Page - Alpha Wire

  6311 Datasheet HTML 1Page - Alpha Wire 6311 Datasheet HTML 2Page - Alpha Wire 6311 Datasheet HTML 3Page - Alpha Wire 6311 Datasheet HTML 4Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2200 US Highway 27 South
Richmond, IN 47374
Tel: 1-800-52 ALPHA
Web: www.alphawire.com
Customer Specification
PART NO. 6311
Construction
Diameter ("in")
1) Component 1
40 x 1 COND
a) Conductor
24 (7/32) AWG Tinned Copper
0.024
b) Insulation
0.010" Wall, Nom. PVC, Semi-Rigid
0.044
(1) Color Code
Alpha Wire Color Code F
Cond Color
Cond Color
Cond Color
1
BLACK
15
BLUE/WHITE29
WHITE/RED/GREEN
2
WHITE
16
BLACK/RED30
RED/BLACK/GREEN
3
RED
17
WHITE/RED31
GREEN/BLACK/ORANGE
4
GREEN
18
ORANGE/RED
32
ORANGE/BLACK/GREEN
5
ORANGE
19
BLUE/RED 33
BLUE/WHITE/ORANGE
6
BLUE
20
RED/GREEN34
BLACK/WHITE/ORANGE
7
WHITE/BLACK
21
ORANGE/GREEN
35
WHITE/RED/ORANGE
8
RED/BLACK22
BLACK/WHITE/RED
36
ORANGE/WHITE/BLUE
9
GREEN/BLACK
23
WHITE/BLACK/RED
37
WHITE/RED/BLUE
10
ORANGE/BLACK
24
RED/BLACK/WHITE
38
BLACK/WHITE/GREEN
11
BLUE/BLACK25
GREEN/BLACK/WHITE
39
WHITE/BLACK/GREEN
12
BLACK/WHITE
26
ORANGE/BLACK/WHITE
40
RED/WHITE/GREEN
13
RED/WHITE27
BLUE/BLACK/WHITE
14
GREEN/WHITE
28
BLACK/RED/GREEN
2) Cable Assembly
40 Components Cabled
a) Twists
2.5 Twists/foot (min.)
b) Orientation
Components to be arranged from INSIDE LAYER-to-
OUTSIDE LAYER
3) Shield
Alum/Mylar Tape, 20% Overlap (min.)
a) Foil Direction
Foil Facing Out
b) Drain Wire
24 (7/32) AWG Tinned Copper
4) Jacket
0.040" Wall, Nom. PVC
0.406 (0.429 max.)
a) Color(s)
SLATE
b) Print
ALPHA WIRE-* P/N 6311 40C 24 AWG
SHIELDED 75C (UL) TYPE CM OR AWM 2464
OR C(UL) 60C TYPE CMG FT4 CE ROHS
* = Factory Code
Note: Product may have c(UL) or CSA markings depending
upon plant of manufacture.


Similar Part No. - 6311

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
6311 CRYDOM-6311 Datasheet
162Kb / 2P
DC Output Buffered Modules
logo
DB Lectro Inc
6311-7212-AU DBLECTRO-6311-7212-AU Datasheet
82Kb / 1P
635nm 10mW Laser Diodes AUTO PACKAGE
logo
List of Unclassifed Man...
63110-45 ETC2-63110-45 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
63110-47 ETC2-63110-47 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
63110-49 ETC2-63110-49 Datasheet
64Kb / 2P
438 PCB Barrier Terminal Strip, 600V
More results

Similar Description - 6311

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-461 RHOMBUS-IND-L-461 Datasheet
15Kb / 1P
AWG Tinned Copper
9/17/02
logo
General Cable Technolog...
C9209A GENERAL-C9209A Datasheet
69Kb / 1P
#22 AWG 7/30 Tinned Copper
logo
List of Unclassifed Man...
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
28502 ETC2-28502 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351319 ETC2-1351319 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
logo
Molex Electronics Ltd.
0082247707 MOLEX1-0082247707_17 Datasheet
26Kb / 1P
2.54mm Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded, Tinned, 7 circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com