Electronic Components Datasheet Search
  English  ▼

X  

OC250 Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # OC250
Description  Opto Coupler
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

OC250 Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  OC250 Datasheet HTML 1Page - Voltage Multipliers Inc. OC250 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
-25
0
25
50
75
100
125
150
Temperature (°C)
1.0
10.0
100.0
1000.0
25
50
75
100
125
150
Temperature (C)
Temperature (°C)
PHOTODIODE REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
OPTOCOUPLER GAIN
VS. TEMPERATURE
OC250
Typical HV Linear Regulator Circuit
Select resistor value to optimize circuit
for V
OUT and IOUT range.
Opto Coupler
V
OUT
25 kV
Power
Supply
Feedback
&
Control
3
4
2
1
100
250 M
.200(5.08)
.700(17.8)
.700(17.8)
1.00
(25.4)
.170(4.32) DIA.
(4 PL)
12
3
4
.200
(5.08)
1.70
(43.2)
.800
(20.3)
.200(5.08)
2.10(53.3)
.100(2.54)
1.00
(25.4)
1.40
(35.6)
Lead length 4"
min.
LABELING



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com