Electronic Components Datasheet Search
  English  ▼

X  

X150FG Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # X150FG
Description  15,000 V - 20,000 V Rectifiers 25 mA - 50 mA Forward Current 200 ns Recovery Time
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

X150FG Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  X150FG Datasheet HTML 1Page - Voltage Multipliers Inc. X150FG Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
104
0
50
100
150
200
250
300
350
25
50
75
100
125
150
Temperature (C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
020
40
60
80
100
Reverse Bias Voltage (V)
X150FG
X200FG
0
5
10
15
20
25
30
0.0
0.1
0.2
0.3
0.4
0.5
Forward Current (A)
X200FG
X150FG
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
0
255075
100
125
150
175
Lead Temperature (C)
L=0.100"
L=0.000"
L=0.200"
L=0.300"
L=0.400"
L=0.500"
1
10
100
1000
25
50
75
100
125
150
Temperature (C)
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
X150FG X200FG
Temperature (°C)
Lead Temperature (°C)
Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com