Electronic Components Datasheet Search
  English  ▼

X  

DML3012LDC Datasheet(PDF) 11 Page - Diodes Incorporated

Part # DML3012LDC
Description  SINGLE-CHANNEL SMART LOAD SWITCH
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DML3012LDC Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button DML3012LDC Datasheet HTML 5Page - Diodes Incorporated DML3012LDC Datasheet HTML 6Page - Diodes Incorporated DML3012LDC Datasheet HTML 7Page - Diodes Incorporated DML3012LDC Datasheet HTML 8Page - Diodes Incorporated DML3012LDC Datasheet HTML 9Page - Diodes Incorporated DML3012LDC Datasheet HTML 10Page - Diodes Incorporated DML3012LDC Datasheet HTML 11Page - Diodes Incorporated DML3012LDC Datasheet HTML 12Page - Diodes Incorporated DML3012LDC Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DML3012LDC
Document number: DS44725 Rev. 8 - 2
10 of 13
www.diodes.com
June 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
DML3012LDC
Application Information (continued)
Thermal Shutdown
The DML3012LDC device has equipped thermal shutdown protection for internally or externally generated excessive temperatures. This circuitry is
disabled when EN is not active to reduce standby current. When an overtemperature condition is detected, the MOSFET immediately turns off, and
the load bleed is active.
The part comes out of thermal shutdown when the junction temperature decreases to a safe operating temperature as dictated by the thermal
hysteresis. Upon exiting a thermal shutdown state and if EN remains active, the MOSFET turns on in a controlled fashion with the normal output
turn-on delay and slew rate.
Undervoltage Lockout
The DML3012LDC device has equipped undervoltage lockout protection. The DML3012LDC turns the MOSFET off and activates the load bleed
when the input voltage, VCC, is less than or equal to the undervoltage lockout threshold. This circuitry is disabled when EN is not active to reduce
standby current.
If the VCC voltage rises above the undervoltage lockout threshold and EN remains active, the MOSFET turns on in a controlled fashion with the
normal output turn-on delay and slew rate.
PCB Layout Consideration
1.
Place the input/output capacitors CVIN and CVOUT as close as possible to the VIN and VOUT pins.
2.
The power traces, which are VIN trace, VOUT trace, and GND trace, should be short, wide, and direct for minimize parasitic inductance.
3.
Place feedback resistance RBLEED as close as possible to BLEED pin.
4.
The SR trace must be as short as possible to reduce parasitic capacitance.
5.
Place CVCC capacitor near the device pin.
6.
Connect the signal ground to the GND pin, and keep a single connection from GND pin to the power ground behind the input or output
capacitors.
7.
For better power dissipation, via holes are recommend to connect the exposed pad’s landing area to a large copper polygon on the other side
of the PCB. The copper polygons and exposed pad shall connect to VIN pin on the printed circuit board.
2
1
3
4
5
6
11
12
10
9
8
7
VIN
EN
Vcc
GND
SR
PG
VOUT
VOUT
VOUT
VOUT
VOUT
BLEED
GND (Power)
CVIN
CVOUT
RPG
CVCC
VOUT
VIN
RBLEED
VIN
CSR
VTERM
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com