Electronic Components Datasheet Search
  English  ▼

X  

SFT79G Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT79G
Description  5 AMP HIGH ENERGY PNP TRANSISTOR 80 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT79G Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT79G Datasheet HTML 1Page - Solid States Devices, Inc SFT79G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SFT79G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SFT7 EIC-SFT7 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT7 SYNSEMI-SFT7 Datasheet
34Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
SFT7 EIC-SFT7 Datasheet
39Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Solid States Devices, I...
SFT700D-28Q SSDI-SFT700D-28Q Datasheet
228Kb / 2P
DUAL 800 mA 75 V-NPN DUAL 600 mA 60 V-PNP TRANSISTOR
logo
Seoul Semiconductor
SFT722N-S SEOUL-SFT722N-S Datasheet
682Kb / 14P
Top View LED
More results

Similar Description - SFT79G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
2N6192 SSDI-2N6192 Datasheet
286Kb / 6P
5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
SSR0508-5 SSDI-SSR0508-5 Datasheet
134Kb / 2P
5 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SFT5553A-G SSDI-SFT5553A-G Datasheet
125Kb / 2P
5 AMP 100 Volts PNP Power Transistor
SFT501-G SSDI-SFT501-G Datasheet
109Kb / 2P
5 AMP 200 VOLTS PNP HIGH SPEED POWER TRANSISTOR
SFT501 SSDI-SFT501 Datasheet
30Kb / 2P
5 AMP 200 Volts HIGH SPEED PNP Transistor
2N5003 SSDI-2N5003 Datasheet
224Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR 100 VOLTS
SFT5001 SSDI-SFT5001 Datasheet
210Kb / 2P
5 AMP HIGH SPEED PNP TRANSISTOR 150 VOLTS
TR0120A SSDI-TR0120A Datasheet
181Kb / 4P
4 AMP PNP Darlington Power Transistor 80 Volts
TR0131A SSDI-TR0131A Datasheet
160Kb / 3P
5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
TR0132A SSDI-TR0132A Datasheet
160Kb / 3P
5 AMP PNP HIGH SPEED POWER TRANSISTOR 120 VOLTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com