Electronic Components Datasheet Search
  English  ▼

X  

SPD9442 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD9442
Description  RADIATION DETECTOR AXIAL LEADED PIN DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD9442 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD9442 Datasheet HTML 1Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SPD9442

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD9442 SSDI-SPD9442 Datasheet
134Kb / 2P
RADIATION DETECTOR PIN DIODE
SPD9442 SSDI-SPD9442_1 Datasheet
134Kb / 2P
RADIATION DETECTOR PIN DIODE
More results

Similar Description - SPD9442

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD9441 SSDI-SPD9441 Datasheet
84Kb / 1P
RADIATION DETECTOR AXIAL LEADED PIN DIODE
SPD1511 SSDI-SPD1511 Datasheet
191Kb / 2P
RADIATION DETECTOR AXIAL PIN DIODE
SPD9441 SSDI-SPD9441_1 Datasheet
137Kb / 2P
RADIATION DETECTOR PIN DIODE
SPD9442 SSDI-SPD9442_1 Datasheet
134Kb / 2P
RADIATION DETECTOR PIN DIODE
RC0130A SSDI-RC0130A Datasheet
137Kb / 2P
RADIATION DETECTOR PIN DIODE
RC0131A SSDI-RC0131A Datasheet
134Kb / 2P
RADIATION DETECTOR PIN DIODE
logo
SUNMATE electronic Co.,...
10A05 SUNMATE-10A05 Datasheet
96Kb / 2P
10A Axial Leaded Standard Diode
UF1001 SUNMATE-UF1001 Datasheet
78Kb / 2P
1.0A Axial Leaded Ultrafast Diode
logo
Comchip Technology
1N5221B-G COMCHIP-1N5221B-G Datasheet
84Kb / 4P
Axial Leaded Glass Zener Diode
logo
SUNMATE electronic Co.,...
BY133 SUNMATE-BY133 Datasheet
318Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com