Electronic Components Datasheet Search
  English  ▼

X  

SDA234 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA234
Description  40 AMP BRIDGE RECTIFIER ASSEMBLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA234 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA234 Datasheet HTML 1Page - Solid States Devices, Inc SDA234 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SDA234

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SDA2.5T1 LEIDITECH-SDA2.5T1 Datasheet
259Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
Bedford Opto Technology...
SDA20 BOT-SDA20 Datasheet
73Kb / 3P
Optically Coupled Module
logo
Solid States Devices, I...
SDA20000 SSDI-SDA20000 Datasheet
205Kb / 2P
5 AMP RECITIFIER ASSEMBLY
SDA20000 SSDI-SDA20000 Datasheet
105Kb / 2P
STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA20000F SSDI-SDA20000F Datasheet
55Kb / 2P
0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
More results

Similar Description - SDA234

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5340 NTE-NTE5340 Datasheet
15Kb / 1P
Silicon Bridge Rectifier Single-Phase, 40 Amp
logo
List of Unclassifed Man...
SDA132 ETC1-SDA132 Datasheet
268Kb / 6P
50 AMP BRIDGE RECTIFIER ASSEMBLY
logo
DIOTEC Electronics Corp...
SDB4000 DEC-SDB4000 Datasheet
305Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
logo
Solid States Devices, I...
SDA138 SSDI-SDA138 Datasheet
210Kb / 2P
5 AMP BRIDGE RECTIFIER ASSEMBLY
SDA276 SSDI-SDA276 Datasheet
226Kb / 2P
1.5 AMP BRIDGE RECTIFIER ASSEMBLY
SDA316 SSDI-SDA316 Datasheet
178Kb / 2P
5 AMP BRIDGE RECTIFIER ASSEMBLY
logo
International Rectifier
42CTQ030SPBF IRF-42CTQ030SPBF Datasheet
258Kb / 7P
SCHOTTKY RECTIFIER 40 Amp
logo
Solid States Devices, I...
SDA132A SSDI-SDA132A Datasheet
229Kb / 2P
50 amp bridge rectifier assembly
logo
DIOTEC Electronics Corp...
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
40SDB DEC-40SDB Datasheet
98Kb / 2P
40 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com