Electronic Components Datasheet Search
  English  ▼

X  

SPT420 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPT420
Description  NPN HIGH VOLTAGE HIGH SPEED POWER TRANSISTOR 40 AMPS, 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPT420 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPT420 Datasheet HTML 1Page - Solid States Devices, Inc SPT420 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - SPT420

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
SPT400PFB SPI-SPT400PFB Datasheet
69Kb / 1P
400 Watts AT Switching Power Supply
logo
List of Unclassifed Man...
SPT401-DMX ETC2-SPT401-DMX Datasheet
434Kb / 2P
SPT401-DMX
2007
logo
Coilcraft lnc.
SPT44H-282ML COILCRAFT-SPT44H-282ML Datasheet
248Kb / 3P
SMT Power Inductors
SPT44H-422ML COILCRAFT-SPT44H-422ML Datasheet
248Kb / 3P
SMT Power Inductors
SPT44L-115ML COILCRAFT-SPT44L-115ML Datasheet
248Kb / 3P
SMT Power Inductors
More results

Similar Description - SPT420

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2319 NTE-NTE2319 Datasheet
26Kb / 3P
Silicon NPN Transistor High Voltage, High Speed Power Switch
logo
Continental Device Indi...
BUF508A CDIL-BUF508A Datasheet
116Kb / 3P
NPN HIGH VOLTAGE HIGH SPEED SILICON POWER TRANSISTOR
logo
Solid States Devices, I...
SFT6678 SSDI-SFT6678 Datasheet
39Kb / 2P
15 AMPS 400 Volts NPN High Speed Power Transistor
SFT6925A SSDI-SFT6925A Datasheet
220Kb / 2P
NPN HIGH VOLTAGE HIGH SPEED TRANSISTOR 60 AMPS 1000 V
SPT6502 SSDI-SPT6502 Datasheet
198Kb / 2P
HIGH VOLTAGE HIGH SPEED NPN SILICON POWER TRANSISTOR
SFT5002 SSDI-SFT5002_1 Datasheet
117Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
SFT6678 SSDI-SFT6678_1 Datasheet
205Kb / 3P
NPN High Speed Power Transistor
SPT5502 SSDI-SPT5502_1 Datasheet
112Kb / 3P
HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
TR0020E SSDI-TR0020E Datasheet
126Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
TR0026C SSDI-TR0026C Datasheet
112Kb / 3P
HIGH VOLTAGE / HIGH SPEED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com