Electronic Components Datasheet Search
  English  ▼

X  

SSTL16877 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SSTL16877
Description  14-bit SSTL_2 registered driver with differential clock inputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSTL16877 Datasheet(HTML) 4 Page - NXP Semiconductors

  SSTL16877 Datasheet HTML 1Page - NXP Semiconductors SSTL16877 Datasheet HTML 2Page - NXP Semiconductors SSTL16877 Datasheet HTML 3Page - NXP Semiconductors SSTL16877 Datasheet HTML 4Page - NXP Semiconductors SSTL16877 Datasheet HTML 5Page - NXP Semiconductors SSTL16877 Datasheet HTML 6Page - NXP Semiconductors SSTL16877 Datasheet HTML 7Page - NXP Semiconductors SSTL16877 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
SSTL16877
14-bit SSTL_2 registered driver with
differential clock inputs
2000 Apr 20
4
RECOMMENDED OPERATING CONDITIONS1
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.3
2.5
2.7
V
VDDQ
Output supply voltage
2.3
2.5
2.7
V
VREF
Reference voltage
(VREF = 0.5 x VDDQ)
1.15
1.25
1.35
V
VTT
Termination voltage
VREF – 40 mV
VREF
VREF + 40 mV
V
VI
Input voltage
0
VCC
V
VIH
AC HIGH-level input voltage
All inputs
VREF + 350 mV
V
VIL
AC LOW-level input voltage
All inputs
VREF – 350 mV
V
VIH
DC HIGH-level input voltage
All inputs
VREF + 180 mV
VDDQ + 0.5 V
V
VIL
DC LOW-level input voltage
All inputs
VSS – 0.5 V
VREF – 180 mV
V
IOH
HIGH-level output current
–20
mA
IOL
LOW-level output current
20
mA
Tamb
Operating free-air temperature range
0
70
°C
NOTE:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
Temp = 0
°C to +70°C
UNIT
MIN
TYP2
MAX
VIK
I/O supply voltage
VCC = 2.3 V; II = –18 mA
–1.2
VCC = 2.3 V to 2.7 V; IOH = –100 µA
VCC – 0.2
2.3
V
VOH
HIGH level output voltage
VCC = 2.3 V; IOH = –8 mA
1.95
2.2
V
VCC = 2.3 V; IOH = –16 mA
1.95
2.1
VCC = 2.3 V to 2.7 V; IOL = –100 µA
0.002
0.2
VOL
LOW level output voltage
VCC = 2.3 V; IOL = –8 mA
0.14
0.35
V
VCC = 2.3 V; IOL = –16 mA
0.30
0.35
VCMR
CLK, CLK
Common mode range for reliable performance
0.97
1.53
V
VPP
CLK, CLK
Minimum peak-to-peak input to ensure logic state
360
mV
Data inputs RESET
VCC = 2.7 V ; VI = 1.7 V or 0.8 V
V
= 1 15V or 1 35V
0.01
±5
µA
Data inputs, RESET
VCC = 2.7 V ; VI = 2.7 V or 0 V
VREF = 1.15V or 1.35V
0.01
±5
µA
II
CLK CLK
VCC = 2.7 V ; VI = 1.7 V or 0.8 V
V
= 1 15V or 1 35V
0.05
±5
µA
CLK, CLK
VCC = 2.7 V ; VI = 2.7 V or 0 V
VREF = 1.15V or 1.35V
0.05
±5
µA
VREF
VCC = 2.7 V
VREF = 1.15V or 1.35V
0.05
±5
µA
ICC
Quiescent supply current
CLK and CLK in opposite
VCC = 2.7 V ; VI = 1.7 V or 0.8 V
12
25
mA
ICC
CLK and CLK in o
osite
state1
VCC = 2.7 V ; VI = 2.7 V or 0 V
10
25
mA
NOTES:
1. When CLK and CLK are HIGH, typical ICC = 25 mA.
2. All typical values are at VCC = 3.3 V and Tamb = 25°C (unless otherwise specified).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com